Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST4000 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # FST4000
Description  DISPLACER TYPE LEVEL TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FST4000 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  FST4000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TG-L2610-E00
FST4000 INTELLIGENT, TORQUE TUBE, LEVEL TRANSMITTER
TOKYO KEISO CO., LTD.
5
WIRING
● Flameproof version
● Intrinsically safe version
● FOUNDATION Fieldbus version
FST4000
1
2
3
4
+
-
FST4000
1
2
3
4
+
-
FST4000
1
2
3
4
+
-
Communicator Communicator
Hazardous area
Safe area
Communicator Communicator
Hazardous area
Safe area
+
-
DC Power supply
Load resistor
Safety barrier
4 to 20mA DC
Power supply for safety barrier
Rating values of intrinsic safety
Maximum Voltage
Maximum Current
Maximum Wattage
Internal Inductance
Internal Capacitance
28V
93mA
651mW
100μH
10nF
Fieldbus
Terminator
Min. 250Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com