Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST4000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # FST4000
Description  DISPLACER TYPE LEVEL TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FST4000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  FST4000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TG-L2610-E00
FST4000 INTELLIGENT, TORQUE TUBE, LEVEL TRANSMITTER
TOKYO KEISO CO., LTD.
3
DIMENSIONS
● Fig.1 Transmitter, Torque Tube & Bonnet
● Fig.2 Assembling of the chamber for class 150 or 300
FST4000
TOKYO KEISO.CO.,JP
0%
50%
100
%
232.5
160
(564)
Transmitter
Torque tube assembly
Bonnet
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
F
F
F
F
F
F
F
F
F
A
140
140
140
FST4□1□
FST4□2□
FST4□3□
FST4□4□
FST4□5□
T1 : Thickness of gasket
Details of "A" part
Dimensions
F :Standard connection flange
H :Measuring range
FF:Installation dimension
L :Flange surface to highest
position of span. (Min. 50mm)
Please specify above dimensions when
ordering.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com