Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST4000 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # FST4000
Description  DISPLACER TYPE LEVEL TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FST4000 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  FST4000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TG-L2610-E00
4
TOKYO KEISO CO., LTD.
FST4000 INTELLIGENT, TORQUE TUBE, LEVEL TRANSMITTER
DIMENSIONS
MATERIAL OF GASKET, BOLT & NUT
● Fig.3 Assembling of the chamber for class 600
Assembling and mounting dimensions differ with the class 900 and higher classes.
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
FST4000
TOKYO KEISO.CO.,JP
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
0%
50%
100
%
F
F
F
F
F
F
A
F
F
F
FST4□1□
FST4□2□
FST4□3□
FST4□4□
FST4□5□
T1 : Thickness of gasket
Details of "A" part
Dimensions
F :Standard connection flange
H :Measuring range
FF:Installation dimension
L :Flange surface to highest
position of span. (Min. 50mm)
Please specify above dimensions when
ordering.
Code
1
2
3
4
5
9
Gasket
V#7020
V#8591
V#8596
V#6596
V#7596
Special
Code
1
2
3
4
5
6
9
  Bolt & Nut
SS400
SUS304
SNB7 / S45C (A193-B7 / A194-2H)
A320-L7 / A194-4
A193-B8CL2 / A194-8
A320-B8CL2 / A194-8
Special
Remarks
Steel
Stainless steel
Carbon steel
Carbon steel, For low temperature services
Stainless steel, For high temperature services
Stainless steel for low temperature services



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com