Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST4000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # FST4000
Description  DISPLACER TYPE LEVEL TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FST4000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  FST4000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TG-L2610-E00
2
TOKYO KEISO CO., LTD.
FST4000 INTELLIGENT, TORQUE TUBE, LEVEL TRANSMITTER
MODEL CODE
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
9
1
2
3
4
9
E
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
2
3
4
5
6
7
8
9
A
B
1
2
3
9
1
2
3
9
1
2
3
9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
L1 toL8
R1 to R8
1
3
4
5
6
7
8
A
B
C
D
FST4
Pressure rating
Process connection
Torque tube material
Cable entry
Orientation(rotation angle)Refer to the
below diagram. *1
Explosionproof and communication
DESCRIPTION
300 mm or less
301 to 500 mm inclusive
501 to 700 mm inclusive
701 to 1000 mm inclusive
1001 to 1500 mm inclusive
1501 to 2000 mm inclusive
2001 to 2500 mm inclusive
2501 to 3000 mm inclusive
Special
SIDE
ーSIDE
BOTTOM ーSIDE
SIDE
ーTOP
BOTTOM ーTOP
Top mount
Side mount
Special
SCPH2 / SUS304 / Carbon steel
SCS13A/ SUS304 / SUS304
SCS14A/ SUS316 / SUS316
SCS16A/ SUS316L/ SUS316L
Special
General purpose
Flameproof type
Intrinsically safe type
ASME(JPI)Class 150
ASME(JPI)Class 300
ASME(JPI)Class 600
JIS 10K
JIS 30K
JIS 63K
ASME(JPI)Class 1500
ASME(JPI)Class 2500
Special
JIS 20K
ASME (JPI) Class900
1-1/2 inch flange
2 inch flange
3, 4 inch flange(used only for the installation "5" top mount)*2
Special
SUS316L ー196 to 200℃
INCONEL ー196 to 450℃(standard)
NW0276 ー196 to 200℃
Special
G1/2(F)
1/2NPT(F)
M20x1.5(F)
Special
Left hand side
Right hand side
TIIS Flameproof with HART Ex d IIC T6...T1
ATEX & IECEx Flameproof with HART Ex db h IIC T6...T1 Ga/Gb
ATEX & IECEx Intrinsic safety with HART Ex ia IIC T6...T1 Ga
ATEX & IECEx Flameproof with FOUNDATION Fieldbus Ex db h IIC T6...T1 Ga/Gb
ATEX & IECEx Intrinsic safety with FOUNDATION Fieldbus Ex ia IIC/IIB T6...T1 Ga
Measuring
range
Installation
method
Material:
Bonnet/
Displacer/
Chamber
Enclosure
KOSHA Flameproof with HART Exd IICT6...T1
KOSHA Intrinsic safety with HART Ex ia IICT6...T1
NEPSI Flameproof with HART Ex db IIC T1...T6 Ga/Gb
NEPSI Intrinsic safety with HART Ex ia IIC T1...T6 Ga
NEPSI Flameproof with FOUNDATION Fieldbus Ex db IIC T1...T6 Ga/Gb
NEPSI Intrinsic safety with FOUNDATION Fieldbus Ex ia IIC/IIB T1...T6 Ga
*1 The numbers indicate the orientation of the side connection flange for installation methods 1, 2, and 3. For methods 4 and 5, please select either L1 or R1.
*2 If an internal cylinder chamber is present, this will be 4 inches.
3
(2)
1
(8)
7
(6)
5
(4)
3
(2)
1
(8)
7
(6)
5
(4)
Left hand side
Right hand side
Note: Positions of (2) (4) (6) (8) are not selectable for
the pressure rating "1", i.e. ASME class 150.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com