Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08-E/ST Datasheet(PDF) 46 Page - Microchip Technology

Part # 24FC08-E/ST
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08-E/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button 24FC08-E/ST Datasheet HTML 41Page - Microchip Technology 24FC08-E/ST Datasheet HTML 42Page - Microchip Technology 24FC08-E/ST Datasheet HTML 43Page - Microchip Technology 24FC08-E/ST Datasheet HTML 44Page - Microchip Technology 24FC08-E/ST Datasheet HTML 45Page - Microchip Technology 24FC08-E/ST Datasheet HTML 46Page - Microchip Technology 24FC08-E/ST Datasheet HTML 47Page - Microchip Technology 24FC08-E/ST Datasheet HTML 48Page - Microchip Technology 24FC08-E/ST Datasheet HTML 49Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 46
 2002-2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
24AA08:
= 1.7V, 8-Kbit I2C Serial EEPROM
24LC08B: = 2.5V, 8-Kbit I2C Serial EEPROM
24FC08:
= 1.7V, High-Speed, 8-Kbit I2C Serial EEPROM
Tape and
Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I
= -40°C to +85°C (Industrial)
E
= -40°C to +125°C (Extended)
Package:
MC
= Plastic Dual Flat, No Lead Package –
2x3x1.0 mm Body, 8-Lead (DFN)
MS
= Plastic Micro Small Outline Package, 8-Lead
(MSOP)
P
= Plastic Dual In-Line – 300 mil Body, 8-Lead
(PDIP)
SN
= Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
OT
= Plastic Small Outline Transistor, 5-Lead (SOT-23)
(Tape and Reel only)
MNY
= Plastic Dual Flat, No Lead Package -
2x3x0.8 mm Body, 8-Lead (TDFN)
ST
= Plastic Thin Shrink Small Outline – 4.4 mm,
8-Lead (TSSOP)
Q4B
= Plastic Dual Flat, No Lead Package -
2x3x0.6 mm Body, 8-Lead (UDFN)
Examples:
a) 24AA08-I/P: Industrial Temperature, 1.7V,
PDIP package.
b) 24AA08-I/SN: Industrial Temperature, 1.7V,
SOIC package.
c) 24AA08T-I/OT: Tape and Reel, Industrial
Temperature, 1.7V, SOT-23 package.
d) 24LC08B-I/P: Industrial Temperature, 2.5V,
PDIP package.
e) 24LC08B-E/SN: Extended Temperature,
2.5V, SOIC package.
f) 24LC08BT-I/OT: Tape and Reel, Industrial
Temperature, 2.5V, SOT-23 package.
g) 24AA08T-I/MNY: Tape and Reel, Industrial
Temperature, 1.7V, TDFN package.
h) 24FC08-I/SN: Industrial Temperature, 1.7V,
SOIC package.
i) 24FC08-E/ST:
Extended
Temperature,
1.7V, TSSOP package.
j) 24FC08T-I/Q4B: Tape and Reel, Industrial
Temperature, 1.7V, UDFN package.
PART NO.
-X
/XX
Package
Temperature
Range
Device
[X]
Tape and Reel
Option
Note 1: Tape
and
Reel
identifier
only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for pack-
age availability with the Tape and
Reel option.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com