Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08-E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # 24FC08-E/ST
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08-E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24FC08-E/ST Datasheet HTML 10Page - Microchip Technology 24FC08-E/ST Datasheet HTML 11Page - Microchip Technology 24FC08-E/ST Datasheet HTML 12Page - Microchip Technology 24FC08-E/ST Datasheet HTML 13Page - Microchip Technology 24FC08-E/ST Datasheet HTML 14Page - Microchip Technology 24FC08-E/ST Datasheet HTML 15Page - Microchip Technology 24FC08-E/ST Datasheet HTML 16Page - Microchip Technology 24FC08-E/ST Datasheet HTML 17Page - Microchip Technology 24FC08-E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 14
 2002-2021 Microchip Technology Inc.
FIGURE 8-2:
RANDOM READ
FIGURE 8-3:
SEQUENTIAL READ
S
P
S
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
A
C
K
Word
Address (n)
Control
Byte
S
T
A
R
T
Data (n)
A
C
K
A
C
K
N
o
A
C
K
x = “don’t care”
10 1 0 B1
x
0
10 1 0 x B1 1
Block
Select
Bits
Block
Select
Bits
B0
B0
P
Bus Activity
Host
SDA Line
Bus Activity
S
T
O
P
Control
Byte
A
C
K
N
o
A
C
K
Data (n)
Data (n + 1)
Data (n + 2)
Data (n + x)
A
C
K
A
C
K
A
C
K
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com