Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # 24FC08-E/ST
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24FC08-E/ST Datasheet HTML 8Page - Microchip Technology 24FC08-E/ST Datasheet HTML 9Page - Microchip Technology 24FC08-E/ST Datasheet HTML 10Page - Microchip Technology 24FC08-E/ST Datasheet HTML 11Page - Microchip Technology 24FC08-E/ST Datasheet HTML 12Page - Microchip Technology 24FC08-E/ST Datasheet HTML 13Page - Microchip Technology 24FC08-E/ST Datasheet HTML 14Page - Microchip Technology 24FC08-E/ST Datasheet HTML 15Page - Microchip Technology 24FC08-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 12
 2002-2021 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write
command has been issued from the host, the device
initiates the internally-timed write cycle. ACK polling
can then be initiated immediately. This involves the
host sending a Start condition followed by the control
byte for a write command (R/W =
0). If the device is still
busy with the write cycle, no ACK will be returned. If the
cycle is complete, the device will return the ACK and
the host can then proceed with the next read or write
operation. See Figure 7-1 for a flow diagram of this
operation.
FIGURE 7-1:
ACKNOWLEDGE
POLLING FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com