Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08-E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # 24FC08-E/ST
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08-E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24FC08-E/ST Datasheet HTML 3Page - Microchip Technology 24FC08-E/ST Datasheet HTML 4Page - Microchip Technology 24FC08-E/ST Datasheet HTML 5Page - Microchip Technology 24FC08-E/ST Datasheet HTML 6Page - Microchip Technology 24FC08-E/ST Datasheet HTML 7Page - Microchip Technology 24FC08-E/ST Datasheet HTML 8Page - Microchip Technology 24FC08-E/ST Datasheet HTML 9Page - Microchip Technology 24FC08-E/ST Datasheet HTML 10Page - Microchip Technology 24FC08-E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 7
24AA08/24LC08B/24FC08
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
A0, A1, A2
The A0, A1 and A2 pins are not used by the 24XX08.
They may be left floating or tied to either VSS or VCC.
2.2
Serial Address/Data Input/Output
(SDA)
The SDA input is a bidirectional pin used to transfer
addresses and data into and out of the device. Since
it is an open-drain terminal, the SDA bus requires a
pull-up resistor to VCC (typical 10 kΩ for 100 kHz,
2kΩ for 400 kHz and 1 MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
2.3
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
2.4
Write-Protect (WP)
This pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-3FF).
If tied to VCC, write operations are inhibited. The entire
memory will be write-protected. Read operations are
not affected.
TABLE 2-1:
PIN FUNCTION TABLE
Name DFN(1) MSOP PDIP
SOIC TDFN(1) TSSOP UDFN(1) SOT-23
Description
A0
1
1
1
1
1
1
1
—
Not Connected
A1
2
2
2
2
2
2
2
—
Not Connected
A2
3
3
3
3
3
3
3
—
Not Connected
VSS
4
4
4
4
4
4
4
2
Ground
SDA
5
5
5
5
5
5
5
3
Serial Address/Data I/O
SCL
6
6
6
6
6
6
6
1
Serial Clock
WP
7
7
7
7
7
7
7
5
Write-Protect Input
VCC
8
8
8
8
8
8
8
4
Power Supply
Note 1: The exposed pad on the DFN/TDFN/UDFN package can be connected to VSS or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com