Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC08-E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # 24FC08-E/ST
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC08-E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24FC08-E/ST Datasheet HTML 6Page - Microchip Technology 24FC08-E/ST Datasheet HTML 7Page - Microchip Technology 24FC08-E/ST Datasheet HTML 8Page - Microchip Technology 24FC08-E/ST Datasheet HTML 9Page - Microchip Technology 24FC08-E/ST Datasheet HTML 10Page - Microchip Technology 24FC08-E/ST Datasheet HTML 11Page - Microchip Technology 24FC08-E/ST Datasheet HTML 12Page - Microchip Technology 24FC08-E/ST Datasheet HTML 13Page - Microchip Technology 24FC08-E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 10
 2002-2021 Microchip Technology Inc.
6.0
WRITE OPERATION
6.1
Byte Write
Following the Start condition from the host, the device
code (4 bits), the block address (1 bit is a “don't care”,
plus B1 and B0 bits) and the R/W bit, which is a
logic-low, is placed onto the bus by the host transmitter.
This indicates to the addressed client receiver that a
byte with a word address will follow after it has
generated an Acknowledge bit during the ninth clock
cycle. Therefore, the next byte transmitted by the host
is the word address and will be written into the Address
Pointer of the 24XX08. After receiving another
Acknowledge signal from the 24XX08, the host device
will transmit the data word to be written into the
addressed
memory
location.
The
24XX08
acknowledges again and the host generates a Stop
condition. This initiates the internal write cycle, and,
during this time, the 24XX08 will not generate
Acknowledge signals (Figure 6-1).
6.2
Page Write
The write control byte, word address and first data byte
are transmitted to the 24XX08 in the same way as in a
byte write. However, instead of generating a Stop
condition, the host transmits up to 16 data bytes to the
24XX08, which are temporarily stored in the on-chip
page buffer and will be written into the memory once
the host has transmitted a Stop condition. Upon receipt
of each word, the four lower-order Address Pointer bits,
which form the byte counter, are internally incremented
by one. The higher-order four bits of the word address
and bits B1 and B0 remain constant. If the host should
transmit more than 16 words prior to generating the
Stop condition, the Address Pointer will roll over and
the previously received data will be overwritten. As with
the byte write operation, once the Stop condition is
received, an internal write cycle will begin (Figure 6-2).
6.3
Write Protection
The WP pin allows the user to write-protect the entire
array (000-3FF) when the pin is tied to VCC. If tied to
VSS, the write protection is disabled.
FIGURE 6-1:
BYTE WRITE
Note:
Page write operations are limited to
writing bytes within a single physical page
regardless of the number of bytes
actually being written. Physical page
boundaries start at addresses that are
integer multiples of the page buffer size
(or ‘page size’) and end at addresses that
are integer multiples of page size – 1. If a
page write command attempts to write
across a physical page boundary, the
result is that the data wrap around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page, as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
S
P
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
Word
Address
Data
A
C
K
A
C
K
A
C
K
1 0
1 0 x B1 B0 0
x = “don’t care”
Block
Select
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com