Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905FCR Datasheet(PDF) 8 Page - Shanghai awinic technology co.,ltd

Part # AW32905FCR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR Datasheet(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW32905FCR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
8
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
μF, IIN≤ 5A and
TA = 25
℃.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
VIN_CLAMP
Input clamp voltage
IIN = 10mA
30.8
V
Rdson
Switch on resistance
VIN = 5V, IOUT = 1A, TA = 25°C
27
37
m
IQ
Input quiescent current
VIN = 5V, VOVLO=0V,IOUT = 0A
65
130
μA
IIN_OVLO
Input current at over-
voltage condition
VIN = 5V, VOVLO=3V,VOUT = 0V
60
120
μA
VOVLO_TH
OVLO set threshold
1.16
1.20
1.24
V
VOVLO_RNG
OVP threshold
adjustable range
4
20
V
VOVLO_SEL
External OVLO select
threshold
OVLO rising
0.19
0.26
0.33
V
Hysteresis
0.06
V
IOVLO
OVLO pin leakage
current
VOVLO=VOVLO_TH
-0.2
0.2
μA
Protection
VIN_OVLO
OVP trip level
AW32901
VIN rising
5.83
5.95
6.07
V
Hysteresis
0.13
AW32902
VIN rising
6.08
6.20
6.32
Hysteresis
0.13
AW32905
VIN rising
6.66
6.80
6.94
Hysteresis
0.14
AW32909
VIN rising
9.78
9.98
10.18
Hysteresis
0.21
AW32910
VIN rising
10.29
10.50
10.71
Hysteresis
0.21
AW32912
VIN rising
13.7
14.0
14.3
Hysteresis
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com