Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905FCR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW32905FCR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW32905FCR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
1
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Over-Voltage Protection Load Switch with Surge Protection
FEATURES
Highly reliable 1.3mm × 1.8mm FCQFN-12
package
Surge protection
IEC 61000-4-5: > 120V
Integrated low Rdson nFET switch: typical 27m
5A continuous current capability
Default Over-Voltage Protection (OVP) threshold
AW32901: 5.95V
AW32902: 6.2V
AW32905: 6.8V
AW32909: 9.98V
AW32910: 10.5V
AW32912: 14V
OVP threshold adjustable range: 4V to 20V
Input system ESD protection
IEC 61000-4-2 Contact discharge: ±8kV
IEC 61000-4-2 Air gap discharge: ±15kV
Input maximum voltage rating: 29VDC
Fast turn-off response: typical 50ns
Over-Temperature Protection (OTP)
Under-Voltage Lockout (UVLO)
APPLICATIONS
Smartphones
Tablets
Charging Ports
GENERAL DESCRIPTION
The AW329xx family OVP load switch features
surge protection, an internal clamp circuit protects
the device from surge voltages up to 120V.
The AW329xx features an ultra-low 27m
 (typ.)
Rdson nFET load switch. When input voltage
exceeds the OVP threshold, the switch is turned off
very fast to prevent damage to the protected
downstream devices. The IN pin is capable of
withstanding fault voltages up to 29VDC.
The default OVP threshold is 5.95V (AW32901),
6.2V
(AW32902),
6.8V
(AW32905),
9.98V
(AW32909),
10.5V
(AW32910)
and
14V
(AW32912), the OVP threshold can be adjusted
from 4V to 20V through external OVLO pin.
The device features an open-drain output
ACOK,
when
VIN_UVLO < VIN < VIN_OVLO and the switch is
on,
ACOK will be driven low to indicate a good
power input, otherwise it is high impedance.
This device features over-temperature protection
that prevents itself from thermal damaging.
The AW329xx is available in a RoHS compliant
1.3mm × 1.8mm FCQFN-12 package.
TYPICAL APPLICATION CIRCUIT
OUT
OVLO
IN
GND
CIN
0.1µF
50V
R1
R2
COUT
1µF
Battery
USB
Port
AW32901
AW32902
AW32905
AW32909
AW32910
AW32912
Charger
ACOK
Controller
PMIC
Optional
EN
TVS
Optional
Figure 1 AW329XX typical application circuit
R1 and R2 are used for OVP threshold adjustment, to use default OVP threshold, connect OVLO to ground.
All the trademarks mentioned in the document are the property of their owners.


Similar Part No. - AW32905FCR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AW3200 SEOUL-AW3200 Datasheet
673Kb / 22P
compliantFeaturesApplications?ъ쭊Acriche series
AW3200 SEOUL-AW3200 Datasheet
595Kb / 19P
Acriche series
AW3200 SEOUL-AW3200 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
AW3201 SEOUL-AW3201 Datasheet
316Kb / 16P
Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Shanghai awinic technol...
AW3206 AWINIC-AW3206 Datasheet
1Mb / 14P
LIthIum-IonIzed P-MOSFET LIthIum Battery Charge
More results

Similar Description - AW32905FCR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS120 LEIDITECH-OVPXXS120 Datasheet
1Mb / 20P
Ovre-Voltage Protection Load Switch with Surge Protection
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com