Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905FCR Datasheet(PDF) 12 Page - Shanghai awinic technology co.,ltd

Part # AW32905FCR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR Datasheet(HTML) 12 Page - Shanghai awinic technology co.,ltd

Back Button AW32905FCR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
12
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS (CONTINUED)
VIN = 5V,
VEN = 0V, VOVLO = 0V, CIN = 0.1μF, COUT = 1μF, and TA = 25°C unless otherwise specified.
Figure 9 Rdson vs. Input Voltage (IOUT = 1A)
Figure 10 Input Supply Current vs. Supply Voltage
Figure 11 Normalized Internal OVP Threshold vs. Temp.
Figure 12 OVLO set threshold vs. Temp.
VIN
5V / div
VOUT
5V / div
ACOK
2V / div
IOUT
100mA / div
20ms / div
C3
C2
C1
C4
VIN
5V / div
VOUT
5V / div
ACOK
2V / div
IOUT
500mA / div
20ms / div
C3
C2
C1
C4
Figure 13 Power-up (COUT =
1μF, 100mA load).
Figure 14 Power-up (COUT =
100μF, 100mA load)
25.0
27.0
29.0
31.0
33.0
35.0
0
4
8
12
16
20
Input Voltage(V)
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
Input Voltage (V)
–40°
C
25°
C
85°
C
0.90
0.95
1.00
1.05
1.10
-40
-15
10
35
60
85
Temperature (
°C)
Normalized to TA = 25°
C
1.190
1.194
1.198
1.202
1.206
1.210
-40
-15
10
35
60
85
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com