Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905FCR Datasheet(PDF) 14 Page - Shanghai awinic technology co.,ltd

Part # AW32905FCR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR Datasheet(HTML) 14 Page - Shanghai awinic technology co.,ltd

Back Button AW32905FCR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
14
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
FUNCTIONAL DESCRIPTION
Device Operation
If the AW329xx is enabled and the input voltage is between UVLO and OVP threshold, the internal charge pump
begins to work after debounce time, the gate of the nFET switch will be slowly charged high till the switch is fully
on.
ACOK will be driven low about 30ms after VIN valid, indicating the switch is on with a good power input. If
the input voltage exceeds the OVP trip level, the switch will be turned off in about 50ns. If
EN is pulled high, or
input voltage falls below UVLO threshold, or over-temperature happens, the switch will also be turned off.
Surge Protection
The AW329xx integrates a clamp circuit to suppress input surge voltage. For surge voltages between VIN_OVLO
and VIN_CLAMP, the switch will be turned off but the clamp circuit will not work. For surge voltages greater than
VIN_CLAMP, the internal clamp circuit will detect surge voltage level and discharge the surge energy to ground.
The device can suppress surge voltages up to 120V.
Over-Voltage Protection
If the input voltage exceeds the OVP rising trip level, the switch will be turned off in about 50ns. The switch will
remain off until VIN falls below the OVP falling trip level.
OVP Threshold Adjustment
If the default OVP threshold is used, OVLO pin must be grounded. If OVLO pin is not grounded, and by
connecting external resistor divider to OVLO pin as shown in the typical application circuit, between IN and GND,
the OVP threshold can be adjusted as following:
VIN_OVLO =
R1+R2
R2
VOVLO_TH
For example, if we select R1 = 1M
Ω and R2 = 100kΩ, then the new OVP threshold calculated from the above
formula is 13.2V. The OVP threshold adjustment range is from 4V to 20V. When the OVLO pin voltage VOVLO
exceeds VOVLO_SEL (0.26V typical), VOVLO is compared with the reference voltage VOVLO_TH (1.2V typical) to judge
whether input supply is over-voltage.
ACOK Output
The device features an open-drain output
ACOK, it should be connected to the system I/O rail through a pull-
up resistor. If the device is enabled and VIN_UVLO < VIN < VIN_OVLO,
ACOK will be driven low indicating the switch
is on with a good power input. If OVP, UVLO, or OT occurs, or
EN is pulled high, the switch will be turned off
and
ACOK will be pulled high.
USB On-The-Go (OTG) Operation
If VIN = 0V and OUT is supplied by OTG voltage, the body diode of the load switch conducts current from OUT
to IN and the voltage drop from OUT to IN is approximately 0.7V. When VIN > VIN_UVLO, internal charge pump
begins to open the load switch after debounce time (about 15ms). After switch is fully on, current is supplied
through switch channel and the voltage drop from OUT to IN is minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com