Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW32905FCR Datasheet(PDF) 9 Page - Shanghai awinic technology co.,ltd

Part # AW32905FCR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32905FCR Datasheet(HTML) 9 Page - Shanghai awinic technology co.,ltd

Back Button AW32905FCR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32905FCR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AW32901/AW32902/AW32905/
AW32909/AW32910/AW32912
Apr. 2018 V1.0
www.awinic.com.cn
9
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS (CONTINUED)
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
μF, IIN≤ 5A and
TA = 25
℃.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
Protection(continued)
VIN_UVLO
UVLO trip level
VIN rising
2.9
3.0
V
Hysteresis
0.1
TSDN
Shutdown temperature
150
°C
TSDN_HYS
Shutdown temperature
hysteresis
20
°C
RDCHG
Output discharge
resistance
VOUT=7V,VOVLO=3V
50
Digital Logical Interface
VOL
ACOK output low
voltage
ISINK=1mA
0.4
V
I
LEAK_ACOK
ACOK leakage current
VIO=5V,
ACOK de-asserted
-0.5
0.5
μA
VIH
EN input high voltage
1.2
V
VIL
EN input low voltage
0.5
V
I
LEAK_EN
EN leakage current
V
EN = 5V
0
2
μA
Timing Characteristics (Figure 6)
tDEB
Debounce time
From VIN > VIN_UVLO to 10%
VOUT
15
ms
tSTART
Start-up time
From VIN > VIN_UVLO to
ACOK
low
30
ms
tON
Switch turn-on time
RL = 100
, CL = 22μF, VOUT
from 10% VIN to 90% VIN
2
ms
tOFF
Switch turn-off time
CL = 0
μF, RL = 100
, VIN >
VIN_OVLO to VOUT stop rising,
VIN rise at 10V/
μs
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com