Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV521 Datasheet HTML 1Page - STMicroelectronics TSV521 Datasheet HTML 2Page - STMicroelectronics TSV521 Datasheet HTML 3Page - STMicroelectronics TSV521 Datasheet HTML 4Page - STMicroelectronics TSV521 Datasheet HTML 5Page - STMicroelectronics TSV521 Datasheet HTML 6Page - STMicroelectronics TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Table 4. Electrical characteristics at VCC+ = +3.3 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV52xA, T = 25 °C
600
µV
TSV52xA, -40 °C < T < 125 °C
2400
TSV52x, T = 25 °C
1.3
mV
TSV52x, -40 °C < T < 125 °C
3.1
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
3
18
µV/°C
ΔVio
Long term input offset voltage drift (2)
T = 25 °C
0.3
μVmontℎ
Iio
Input offset current (3) (Vout = VCC/2)
T = 25 °C
1
10
pA
-40 °C < T < 125 °C
1
100
Iib
Input bias current (3) (Vout = VCC/2)
T = 25 °C
1
10
-40 °C < T < 125 °C
1
100
CMR
Common-mode rejection ratio 20 log (ΔVic/ΔVio)
Vic = -0.1 V to VCC + 0.1 V, Vout = VCC/2,
RL = 1 MΩ
T = 25 °C
51
73
dB
-40 °C < T < 125 °C
47
Avd
Large signal voltage gain Vout = 0.5 V to
(VCC -0.5 V), RL = 1 MΩ
T = 25 °C
91
106
-40 °C < T < 125 °C
63
VOH
High level output voltage
T = 25 °C
3
35
mV
-40 °C < T < 125 °C
50
VOL
Low level output voltage
T = 25 °C
7
35
-40 °C < T < 125 °C
50
Iout
Isink
Vout = VCC, T = 25 °C
20
31
mA
Vout = VCC, -40 °C < T < 125 °C
17
Isource
Vout = 0 V, T = 25 °C
19
27
Vout = 0 V, -40 °C < T < 125 °C
17
ICC
Supply current (per channel) Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
32
55
µA
-40 °C < T < 125 °C
32
55
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
0.64
1
MHz
Fu
Unity gain frequency
900
kHz
ɸm
Phase margin
55
degrees
Gm
Gain margin
7
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC -0.5 V
0.75
V/µs
en
Equivalent input noise voltage
f = 1 kHz
60
nVHz
f = 10 kHz
42
THD+N
Total harmonic distortion + noise
Follower configuration, fin = 1
kHz, RL = 100 kΩ, Vicm = VCC/2,
BW = 22 kHz, Vout = 1 Vpp
0.003
%
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Electrical characteristics
DS8862 - Rev 4
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com