Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TSV521 Datasheet HTML 21Page - STMicroelectronics TSV521 Datasheet HTML 22Page - STMicroelectronics TSV521 Datasheet HTML 23Page - STMicroelectronics TSV521 Datasheet HTML 24Page - STMicroelectronics TSV521 Datasheet HTML 25Page - STMicroelectronics TSV521 Datasheet HTML 26Page - STMicroelectronics TSV521 Datasheet HTML 27Page - STMicroelectronics TSV521 Datasheet HTML 28Page - STMicroelectronics TSV521 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Contents
1
Package pin connections ..........................................................2
2
Absolute maximum ratings and operating conditions ..............................3
3
Electrical characteristics...........................................................4
4
Typical performance characteristics ...............................................8
5
Application information ...........................................................13
5.1
Operating voltages ............................................................ 13
5.2
Common-mode voltage range ................................................... 13
5.3
Rail-to-rail input ............................................................... 13
5.4
Rail-to-rail output .............................................................. 14
5.5
Driving resistive and capacitive loads............................................. 14
5.6
Input offset voltage drift over the temperature ...................................... 14
5.7
Long term input offset voltage drift ............................................... 15
5.8
PCB layouts .................................................................. 16
5.9
Macromodel .................................................................. 16
6
Package information..............................................................17
6.1
SC70-5 (or SOT323-5) package information ....................................... 18
6.2
DFN8 2x2 package information ................................................. 19
6.3
MiniSO8 package information ................................................... 21
6.4
SO8 package information....................................................... 22
6.5
TSSOP14 package information .................................................. 23
6.6
QFN16 3x3 wettable flank package information .................................... 24
7
Ordering information .............................................................26
Revision history .......................................................................27
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Contents
DS8862 - Rev 4
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com