Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics TSV521 Datasheet HTML 10Page - STMicroelectronics TSV521 Datasheet HTML 11Page - STMicroelectronics TSV521 Datasheet HTML 12Page - STMicroelectronics TSV521 Datasheet HTML 13Page - STMicroelectronics TSV521 Datasheet HTML 14Page - STMicroelectronics TSV521 Datasheet HTML 15Page - STMicroelectronics TSV521 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Figure 23. PSRR vs. frequency at VCC = 2.7 V
10
100
1000
10000
100000
1000000
0
-20
-40
-60
-80
-100
VCC = 2.7 V, Vicm = 1.35 V, G = 1
,CL = 100 pF, V ripple = 100 mV pp
Frequency (Hz)
AM00479
Figure 24. PSRR vs. frequency at VCC = 5.5 V
10
100
1000
10000
100000
1000000
0
-20
-40
-60
-80
-100
VCC = 5.5 V, Vicm = 2.75 V, G = 1
, C L = 100 pF, Vripple = 100 mV pp
Frequency (Hz)
AM00480
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Typical performance characteristics
DS8862 - Rev 4
page 12/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com