Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 3 Page - STMicroelectronics

  TSV521 Datasheet HTML 1Page - STMicroelectronics TSV521 Datasheet HTML 2Page - STMicroelectronics TSV521 Datasheet HTML 3Page - STMicroelectronics TSV521 Datasheet HTML 4Page - STMicroelectronics TSV521 Datasheet HTML 5Page - STMicroelectronics TSV521 Datasheet HTML 6Page - STMicroelectronics TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Input voltage differential (2)
±VCC
V
Vin
Input voltage (3)
(VCC-) - 0.2 to (VCC+) + 0.2
V
Iin
Input current (4)
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction-to-ambient (5)(6)
°C / W
SC70-5
205
DFN8 2x2
57
QFN16 3x3
45
MiniSO8
190
TSSOP14
100
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model (7)
4
kV
MM: machine model (8)
300
V
CDM: charged device model (9)
(all packages except SC70-5 and DFN8)
1.5
kV
CDM: charged device model (SC70-5 and DFN8) (9)
1.3
Latch-up immunity
200
mA
1. All voltage values, except differential voltages are with respect to network ground terminal.
2. Differential voltages are the non inverting input terminal with respect to the inverting input terminal.
3. VCC -Vin must not exceed 6 V, Vin must not exceed 6 V.
4. Input current must be limited by a resistor in series with the inputs.
5. Short-circuits can cause excessive heating and destructive dissipation.
6. Rth are typical values.
7. Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for all couples of pin
combinations with other pins floating.
8. Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of the device
with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with other pins floating.
9. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to
ground.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 5.5
V
Vicm
Common mode input voltage range
VCC- – 0.1 to VCC+ + 0.1
V
Toper
Operating free air temperature range
-40 to +125
°C
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Absolute maximum ratings and operating conditions
DS8862 - Rev 4
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com