Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics TSV521 Datasheet HTML 10Page - STMicroelectronics TSV521 Datasheet HTML 11Page - STMicroelectronics TSV521 Datasheet HTML 12Page - STMicroelectronics TSV521 Datasheet HTML 13Page - STMicroelectronics TSV521 Datasheet HTML 14Page - STMicroelectronics TSV521 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Figure 18. THD+N vs. output voltage at VCC = 2.7 V
0.01
0.1
1
10
1E-3
0.01
0.1
1
f = 1 kHz
Gain = 1
BW = 22 kHz
Vicm = VCC/2
Output voltage (V pp)
AM00476
Figure 19. THD+N vs. output voltage at VCC = 5.5 V
0.01
0.1
1
10
1E-3
0.01
0.1
1
f = 1 kHz
Gain = 1
BW = 22 kHz
Vicm = VCC/2
Output voltage (V pp)
AM00477
Figure 20. Output impedance versus frequency in closed-loop configuration
10
100
1000
10000
200
400
600
800
1000
VCC = 2.7 V to 5.5 V
Osc. level = 0.065 V RMS
G = 1
T = 25 °C
Frequency (kHz)
AM00478
Figure 21. Response to a 100 mV input step for gain = 1 at
VCC = 5.5 V rising edge
Figure 22. Response to a 100 mV input step for gain = 1 at
VCC = 5.5 V falling edge
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Typical performance characteristics
DS8862 - Rev 4
page 11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com