Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 1 Page - STMicroelectronics

  PD57002 Datasheet HTML 1Page - STMicroelectronics PD57002 Datasheet HTML 2Page - STMicroelectronics PD57002 Datasheet HTML 3Page - STMicroelectronics PD57002 Datasheet HTML 4Page - STMicroelectronics PD57002 Datasheet HTML 5Page - STMicroelectronics PD57002 Datasheet HTML 6Page - STMicroelectronics PD57002 Datasheet HTML 7Page - STMicroelectronics PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
March, 7 2003
PD57002
PD57002S
RF POWER TRANSISTORS
The
LdmoST Plastic FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION
• POUT = 2 W with 15 dB gain @ 960 MHz / 28 V
• NEW RF PLASTIC PACKAGE
DESCRIPTION
The PD57002 is a common source N-Channel, en-
hancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial and
industrial applications at frequencies up to 1000
MHz. The PD57002 is designed for high gain and
broadband performance operating in common
source mode at 28 V. It is ideal for digital cellular
BTS applications requiring high linearity.
The PowerSO-10 plastic package, designed to of-
fer high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performances and ease of assembly.
PowerSO-10RF
(formed lead)
ORDER CODE
PD57002
BRANDING
PD57002
PowerSO-10RF
(straight lead)
ORDER CODE
PD57002S
BRANDING
PD57002S
ABSOLUTE MAXIMUM RATINGS (TCASE = 25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current
0.25
A
PDISS
Power Dissipation (@ Tc = 70°C)
4.75
W
Tj
Max. Operating Junction Temperature
165
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
20
°C/W
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)


Similar Part No. - PD57002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD57002 ETC1-PD57002 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD57002-E STMICROELECTRONICS-PD57002-E Datasheet
358Kb / 23P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
11-May-2006
PD57002-E STMICROELECTRONICS-PD57002-E Datasheet
374Kb / 23P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
28-May-2010
PD57002-E STMICROELECTRONICS-PD57002-E_10 Datasheet
374Kb / 23P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
28-May-2010
PD57002S-E STMICROELECTRONICS-PD57002S-E Datasheet
358Kb / 23P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
11-May-2006
More results

Similar Description - PD57002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD54008L STMICROELECTRONICS-PD54008L Datasheet
92Kb / 8P
RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
28-May-2003
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
RF Power Transistors The LdmoST Plastic FAMILY
04-Jan-2006
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com