Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics PD57002 Datasheet HTML 10Page - STMicroelectronics PD57002 Datasheet HTML 11Page - STMicroelectronics PD57002 Datasheet HTML 12Page - STMicroelectronics PD57002 Datasheet HTML 13Page - STMicroelectronics PD57002 Datasheet HTML 14Page - STMicroelectronics PD57002 Datasheet HTML 15Page - STMicroelectronics PD57002 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
PD57002 - PD57002S
COMMON SOURCE S-PARAMETER (PD57002S)
(VDS = 13.5V IDS = 150mA)
FREQ
IS
11IS11∠Φ
IS
21IS21∠Φ
IS
12IS12∠Φ
IS
22IS22∠Φ
(MHz)
50
0.990
-18
11.68
165
0.010
74
0.953
-15
100
0.976
-35
11.11
151
0.019
63
0.932
-28
150
0.952
-50
10.31
138
0.027
49
0.924
-42
200
0.933
-64
9.36
126
0.032
38
0.882
-54
250
0.917
-75
8.44
115
0.036
28
0.872
-64
300
0.905
-85
7.53
107
0.038
19
0.841
-73
350
0.895
-94
6.87
99
0.040
12
0.832
-79
400
0.891
-102
6.22
91
0.041
4
0.838
-87
450
0.886
-108
5.69
84
0.042
-1
0.829
-93
500
0.884
-114
5.17
77
0.042
-7
0.840
-98
550
0.884
-119
4.70
72
0.042
-13
0.847
-104
600
0.883
-124
4.33
66
0.041
-17
0.844
-108
650
0.886
-128
3.95
61
0.041
-22
0.859
-112
700
0.889
-132
3.67
57
0.039
-28
0.860
-117
750
0.892
-135
3.41
52
0.039
-30
0.862
-119
800
0.893
-138
3.18
48
0.038
-35
0.873
-123
850
0.894
-141
2.99
44
0.037
-38
0.876
-126
900
0.894
-144
2.79
40
0.036
-41
0.883
-128
950
0.898
-146
2.62
36
0.035
-45
0.883
-131
1000
0.9
-149
2.46
33
0.035
-47
0.893
-133
1050
0.902
-151
2.32
29
0.034
-51
0.903
-136
1100
0.903
-153
2.21
26
0.033
-54
0.903
-139
1150
0.902
-155
2.10
23
0.032
-58
0.914
-140
1200
0.903
-157
2.01
19
0.031
-61
0.916
-142
1250
0.904
-159
1.91
16
0.031
-63
0.919
-144
1300
0.901
-161
1.85
13
0.029
-68
0.921
-146
1350
0.901
-163
1.76
10
0.028
-71
0.911
-147
1400
0.896
-165
1.67
8
0.028
-73
0.912
-149
1450
0.894
-166
1.59
5
0.028
-78
0.904
-149
1500
0.891
-168
1.51
3
0.026
-85
0.901
-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com