Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 3 Page - STMicroelectronics

  PD57002 Datasheet HTML 1Page - STMicroelectronics PD57002 Datasheet HTML 2Page - STMicroelectronics PD57002 Datasheet HTML 3Page - STMicroelectronics PD57002 Datasheet HTML 4Page - STMicroelectronics PD57002 Datasheet HTML 5Page - STMicroelectronics PD57002 Datasheet HTML 6Page - STMicroelectronics PD57002 Datasheet HTML 7Page - STMicroelectronics PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
PD57002 - PD57002S
TYPICAL PERFORMANCE
Capacitances vs.Drain Voltage
Drain Current vs Gate-Source Voltage
Gate-Source Voltage vs Case Temperature
0
5
10
15
20
25
30
Vdd (V)
0.1
1
10
100
C (pF)
Coss
Ciss
Crss
2
2.533.5
44.5
55.5
6
Vgs (V)
0
0.05
0.1
0.15
0.2
0.25
Id (A)
-50
-25
0
25
50
75
100
125
Tc (°C)
0.9
0.925
0.95
0.975
1
1.025
1.05
Vgs (Normalized)
Id = 50 mA
Id = 100 mA
Id = 150 mA
Id = 200 mA
Vds = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com