Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 2 Page - STMicroelectronics

  PD57002 Datasheet HTML 1Page - STMicroelectronics PD57002 Datasheet HTML 2Page - STMicroelectronics PD57002 Datasheet HTML 3Page - STMicroelectronics PD57002 Datasheet HTML 4Page - STMicroelectronics PD57002 Datasheet HTML 5Page - STMicroelectronics PD57002 Datasheet HTML 6Page - STMicroelectronics PD57002 Datasheet HTML 7Page - STMicroelectronics PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PD57002 - PD57002S
2/16
ELECTRICAL SPECIFICATION (TCASE = 25°C)
STATIC
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 10 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 125 mA
0.7
0.9
V
gFS
VDS = 10 V
ID = 200 mA
--
mho
CISS
VGS = 0 V
VDS = 28 V
f = 1 MHz
7.1
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
5.8
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
0.1
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 28 V
IDQ = 10 mA
f = 960 MHz
2W
GP
VDD = 28 V
IDQ = 10 mA
POUT = 2 W
f = 960 MHz
15
dB
ηD
VDD = 28 V
IDQ = 10 mA
POUT = 2 W
f = 960 MHz
45
%
Load
mismatch
VDD = 28 V
IDQ = 10 mA
POUT = 2 W
f = 960 MHz
ALL PHASE ANGLES
10:1
VSWR
PIN CONNECTION
GATE
SOURCE
DRAIN
SC15200
PD57002S
FREQ. MHz
ZIN (Ω)ZDL(Ω)
925
1.894 - j 13.43
6.445 + j 23.60
945
2.440 - j 12.53
7.245 + j 25.09
960
2.760 - j 12.13
7.715 + j 25.69
IMPEDANCE DATA
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
SC13140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com