Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 4 Page - STMicroelectronics

  PD57002 Datasheet HTML 1Page - STMicroelectronics PD57002 Datasheet HTML 2Page - STMicroelectronics PD57002 Datasheet HTML 3Page - STMicroelectronics PD57002 Datasheet HTML 4Page - STMicroelectronics PD57002 Datasheet HTML 5Page - STMicroelectronics PD57002 Datasheet HTML 6Page - STMicroelectronics PD57002 Datasheet HTML 7Page - STMicroelectronics PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PD57002 - PD57002S
4/16
Efficiency vs. Output Power
Output Power vs Drain Current
Efficiency vs Drain Current
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Pout W)
15
20
25
30
35
40
45
50
55
Eff (%)
Vdd = 28V
Idq = 15mA
925 MHz
960 MHz
945 MHz
0
25
50
75
100
125
150
175
Idq (mA)
0
0.5
1
1.5
2
2.5
3
Pout (W)
Pin = 17.4dBm
Vdd = 28V
960 MHz
945 MHz
925 MHz
0
25
50
75
100
125
150
175
Idq (mA)
10
20
30
40
50
60
Eff (%)
Pin = 17.4dBm
Vdd = 28V
945 MHz
960 MHz
925 MHz
Output Power vs Input Power
Input Return Loss vs Output Power
Power Gain vs Output Power
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
Pin (W)
0
0.5
1
1.5
2
2.5
Pout (W)
960 MHz
925 MHz
945 MHz
Vdd = 28V
Idq = 15mA
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Pout (W)
-30
-25
-20
-15
-10
-5
0
IRL (dB)
Vdd = 28V
Idq = 15mA
960 MHz
945 MHz
925 MHz
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Pout (W)
10
11
12
13
14
15
16
17
18
Pg (dB)
Vdd = 28V
Idq = 15mA
960 MHz
945 MHz
925 MHz
TYPICAL PERFORMANCE (PD57002S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com