Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments TSB12C01A Datasheet HTML 12Page - Texas Instruments TSB12C01A Datasheet HTML 13Page - Texas Instruments TSB12C01A Datasheet HTML 14Page - Texas Instruments TSB12C01A Datasheet HTML 15Page - Texas Instruments TSB12C01A Datasheet HTML 16Page - Texas Instruments TSB12C01A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Internal Register Field Descriptions (continued)
FIELD
SIZE
TYPE
DESCRIPTION
CPS
1
Read
only
Cable power status (CPS) contains the status of the CPS input terminal. When cable power voltage has
dropped too low for reliable operation, CPS is reset (0). CPS is included twice in the internal registers to
expedite handling of the CPSInt.
CPSInt
1
Read/
Write
CPSint indicates that a cable power status interrupt has occurred. This interrupt occurs whenever the CPS
input goes low. The interrupt indicates that the cable power voltage has dropped too low to ensure reliable op-
eration. This bit is cleared (0) by a hardware reset or by writing a 0 to this register. However, if the CPS input
is still low, another cable-power status interrupt immediately occurs.
GC
6
Read/
Write
The gap count (GC) register sets the fair and arb-reset gap times. The gap count may be set to a particular
value to optimize bus performance. Typically, the gap count should be set to 2 times the maximum number
of hops on the bus and should be set to the same value for all nodes on the bus. The gap count can be set
by either a write to this register or by reception or transmission of a PHY_CONFIG packet. The gap count
is reset to 3Fh after a hardware reset or after two consecutive bus resets without an intervening write to
the gap count register (either a write to the gap count register by the LLC or a PHY_CONFIG packet).
IBR
1
Read/
Write
When set, initiate bus reset (IBR) causes the current node to immediately initiate a bus reset. IBR is
cleared (0) after a hardware reset or a bus reset.
IR
1
Read/
Write
IR indicates that the last bus reset was initiated in this TSB21LV03 phy. This bit is also included in the Self-
ID packet.
LoopInt
1
Read/
Write
LoopInt indicates that a configuration loop timeout has occurred. This interrupt occurs when the arbitration
controller waits for too long a period of time during tree-ID. This interrupt can indicate that the bus is con-
figured in a loop. This bit is cleared (0) by a hardware reset or by writing a 0 to this register bit.
NP
4
Read
only
NP contains the number of ports implemented in the core logic (not the number of ports actually on the
device). For the TSB21LV03, NP is set to 0011b.
Physical ID
6
Read
only
Physical ID contains the physical address of the local node. The physical ID defaults to 09h after a hard-
ware reset or a bus reset until the Self-ID process has been completed. A complete Self-ID is indicated by
an unsolicited status transfer of the register 0 contents to the LLC.
R
1
Read
only
R indicates whether the current node is the root node or not. This bit is cleared (0) on a hardware reset or
a bus reset. This bit is set during tree-ID when the current node is root.
Rev
2
Read
only
The revision (Rev) bits indicate the design revision of the core logic. For the TSB21LV03, Rev is set to 00.
RHB
1
Read/
Write
When set, the root hold-off bit (RHB) instructs the local node to try to become the root node during the next
bus reset. RHB is reset (0) during a hardware reset and is not affected by a bus reset.
SPD
2
Read
only
The speed (SPD) bits indicates the top signaling speed of the local port and for the TSB21LV03 is set to
01b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com