Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 3 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 3 Page - Texas Instruments

  TSB12C01A Datasheet HTML 1Page - Texas Instruments TSB12C01A Datasheet HTML 2Page - Texas Instruments TSB12C01A Datasheet HTML 3Page - Texas Instruments TSB12C01A Datasheet HTML 4Page - Texas Instruments TSB12C01A Datasheet HTML 5Page - Texas Instruments TSB12C01A Datasheet HTML 6Page - Texas Instruments TSB12C01A Datasheet HTML 7Page - Texas Instruments TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Four package terminals are used as inputs to set four configuration status bits in the self-identification (Self-ID)
packet. These terminals are hardwired high or low as a function of the equipment design. PC0 – PC2 are the
three terminals that indicate either the need for power from the cable or the ability to supply power to the cable.
The fourth terminal, C/LKON, indicates whether a node is a contender for bus manager. When the C/LKON
terminal is asserted, it means the node can be a contender for bus manager. When the terminal is not asserted,
it means that the node is not a contender. The C bit corresponds to bit 20 in the Self-ID packet, PC0 corresponds
to bit 21, PC1 corresponds to bit 22, and PC2 corresponds to bit 23 (see Table 4–29 of the IEEE 1394–1995
standard for additional details).
A power-down terminal, PD, is provided to allow a power-down mode where most of the TSB21LV03 circuits
are powered down to conserve energy in battery-powered applications. A cable status terminal, CNA, provides
a high output when all twisted-pair cable ports are disconnected. This output is not debounced. The CNA output
can be used to determine when to power the TSB21LV03 down or up. In the power-down mode all circuitry is
disabled except the CNA circuitry. It should be noted that when the device is powered-down it does not act in
a repeater mode.
When the power supply of the TSB21LV03 is removed while the twisted-pair cables are connected, the
TSB21LV03 transmitter and receiver circuitry has been designed to present a high impedance to the cable in
order to not load the TPBias terminal voltage on the other end of the cable.
If the TSB21LV03 is being used with one or more of the ports not being brought out to a connector, the TSB
terminals must be terminated for reliable operation. For each unused port, the TPB+ and TPB– terminals must
be tied together and connected to GND. This is done in the normal termination network. When a port does not
have a cable connected, the normal termination network pulls TPB+ and TPB– to ground through a 5-k
Ω
resistor, thus disabling the port.
NOTE:
All gap counts on all nodes of a 1394 bus must be identical. This may only be accomplished by using
phy configuration packets (see section 4.3.4.3 of IEEE 1394-1995 Standard) or by using two bus
resets, which resets the gap counts to the maximum level (3Fh).
The link power status (LPS) terminal works with the C/LKON terminal to manage the LLC power usage of the
node. The LPS terminal indicates that the LLC of the node is powered down and powers down the phy-LLC
interface to save power. If the phy then receives a link-on packet, the C/LKON terminal is activated to output
a 6.114 MHz signal, which can be used by the LLC to power itself up. Once the LLC is powered up, the LPS
signal communicates this to the TSB21LV03 and the C/LKON signal is turned off and the phy-link interface is
enabled.
Two of the package terminals are used to set up various test conditions used in manufacturing. These terminals,
TESTM1 and TESTM2, should be connected to VDD for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com