Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 23 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 19Page - Texas Instruments TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
As with the isolation method described in the IEEE 1394-1995 standard, care must be taken to ensure that the
input and output are synchronized during power up of either the phy, LLC, or both. This can be accomplished
internally in some cases with the LREQ terminal. During power up reset the LREQ input of the phy can be pulled
low, which should also be the driving state of the LREQ output of the LLC device during power up. The LREQ
terminal has the potential of hanging the phy-LLC interface if the phy senses a high input while the LLC continues
driving low after a power up of either or both devices.
Another phy-LLC signal with the potential to cause problems when the states across the phy-LLC interface do
not match is the LPS signal. For instance, when attempting to pass the LPS signal in as a dc signal across a
bus-holder and capacitor-type isolation, there are challenges to be met. If the LLC powers up first, while the phy
was still powered down, the isolation capacitor could have a charge induced on it. In a 3-V system the LLC side
of the capacitor would be charged to 3 V while the phy side remained at ground potential. When the phy was
then powered up, the capacitor and the bus holder could keep the LPS input signal at the low level and the states
would not be synchronized. This would then cause the phy to disable all phy-LLC output terminals, and the node
could lock up. By transitioning the state the logic levels on each side of the capacitor, the states can be
synchronized. In the LPS example, a case has been hypothesized where the LLC side of the isolation capacitor
is logic high while the phy side is low. If the LLC then drives a low level, the phy side of the capacitor also tries
to swing the same voltage down . However since the phy side of the isolation capacitor is already in the low state,
the voltage goes negative until the clamping diode is turned on. This diode to ground clamps the voltage and
dissipates the charge on the capacitor bringing the state on each side of the isolating capacitor into
synchronization. For the dc-type signals, these transitions do not cause a loss of information. However for the
ac signals (i.e., LREQ) the first bit of the transmission is lost, making this method of achieving synchronization
only useful if a dummy transition of the signal can be generated and tolerated. A much better approach for the
LPS signal would be to use an ac signal across the bus holder and capacitor isolation. The TI physical-layer
device LPS terminal recognizes a square wave of between 220-kHz and 5.5-MHz as the signal that the LLC
is on. The generation of this square-wave signal would need to be designed such that whenever the LLC is
powered up, the signal is on. On the TSB12C01A and TSB12LV31 LLC devices, this signal is supplied as the
power on terminal (see Figure 13).
Bus
Holder
LLC
Phy
Power
On
LPS
0.001
µF
Figure 13. External Bus-Holder Implementation for AC LPS Line
Since the TSB12LV21 does not supply a square-wave signal, the system designer needs to provide either an
ac or dc signal to the phy if this feature is desired. A TIL191A optoisolator can provide a square-wave signal
in a dc form for slightly more than $0.30 a line (see Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com