Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 22 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 18Page - Texas Instruments TSB12C01A Datasheet HTML 19Page - Texas Instruments TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
DC/DC
Converter
Regulator
Host
Power
Supply
LLC
Phy
D0 – D7
CTL0,
CTL1
LREQ
SYSCLK
D0 – D7
CTL0,
CTL1
LREQ
SYSCLK
0.1
µF
1 M
Ω
B
W
G
12 V
5 V
TPA+
TPA–
TPB+
TPB–
12 V
5 V
Isolation Boundary
Cable Shield
Terminals 7
and 8
Cable Ground
Cable Power
1394 Host Design
0.001
µF
Bus
Holder
0.1
µF
1 M
Ω
1
6
4
2
5
3
LLC
GND
Phy
GND
Bus
Holder
Figure 12. Internal Bus-Holder Isolation
The bus-holder isolation technique is cost effective and eliminates most of the components required for the
implementation of galvanic isolation described in the IEEE 1394-1995 High Performance Serial Bus Standard
in Appendix J.6. Only one 0.001-
µF capacitor per signal line is required. The principal of operation is straight
forward. When the output node switches states, the charge on the capacitor is maintained, and voltage on the
input node is pulled in the same direction as the output node. The bus holder then maintains the input state until
the output makes another transition. This allows normal input buffers to be used that do not require critical
threshold values. Critical hysteresis levels also are not required. Board area and external component cost is
reduced. Differentiation circuitry in the output buffers is not needed. High supply currents in the input buffers
are eliminated. Supply current wasted in the external bias resistors is eliminated. The propagation delay through
the single isolation capacitor is extremely small. And finally, noise margins on the input buffer is essentially the
same as for the nonisolated CMOS signal levels. Note that since no differentiation is needed the ISO terminal
on TI devices needs to be held in a high logic state (differentiation is turned off) to correctly function with
bus-holder isolation.
When higher voltage isolation is required than can be provided by the working voltage of a single capacitor, then
multiple capacitors can be implemented in series. The working voltages then increase, but the capacitance
values of each individual capacitor must be increased to maintain the same voltage for the series combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com