Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB12C01A Datasheet(PDF) 21 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 17Page - Texas Instruments TSB12C01A Datasheet HTML 18Page - Texas Instruments TSB12C01A Datasheet HTML 19Page - Texas Instruments TSB12C01A Datasheet HTML 20Page - Texas Instruments TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
There are several design challenges with transformer-isolation circuit of galvanic isolation barrier. They are:
D The input thresholds must be maintained accurately at VDD/2.
D The input hysteresis must be fairly wide and it too must be maintained accurately.
D Two capacitors and seven resistors are required for each bidirectional line to be isolated. This adds to
component costs and board space.
D Differentiation circuitry is required in each output buffer, and circuitry to decode the differentiated signal
must be added to each input buffer.
D Supply current in the input buffer can be quite high because the input is normally sitting at midsupply. When
using CMOS-type input buffers, as much as a mA of supply current can be wasted in each input.
D Supply current is wasted in the external bias resistors that are connected between the supply rail and
ground.
D The propagation delay through this isolation circuit can typically be 2 ns to 3 ns. This delay reduces the setup
and hold time windows allowed for each input.
D Noise margins on the input buffer are very low. The noise margin is the difference between the maximum
threshold level and the minimum hysteresis level on the high side and the difference between the minimum
threshold level and the maximum hysteresis level on the low side.
D During power up of either the phy, the LLC, or both, care must be taken to ensure that the output state and
the input state are synchronized; in other words, ensure that the voltage levels on each side of the isolation
capacitor represent the same logic state. Input power-up glitches can cause output and input states to be
out of synchronization causing communication errors between the phy and the LLC. As data is passed
through the isolation barrier, the output and input eventually synchronize, but there is the possibility of
locking up the system before synchronization occurs.
Texas Instruments bus holder galvanic isolation barrier
Texas Instruments patent-pending bus-holder galvanic isolation technique simplifies most of the previously
mentioned design challenges. Bus-holder circuits are required on the input side (both sides when bidirectional)
of the single capacitor that forms the galvanic isolation barrier. The bus-hold function consists of a CMOS-buffer
stage with a high-resistance feedback path between its output and its input. This prevents bus lines from floating
without using pullup or pulldown resistors. The high-impedance inputs of these internal CMOS buffers are
connected to the input terminals of the device. The feedback path on the internal buffer stage keeps a bus line
tied to the bus holder at the last valid logic state generated by an active driver. Active bus-hold circuitry typically
holds unused or floating-data inputs at valid logic levels and eliminates the need for pullup or pulldown resistors.
These bus holders can be integrated into the phy and LLC devices at extremely low cost. If either the phy, the
LLC, or both does not have the bus holders integrated, external bus holders can be implemented. Bus holder
ICs or ICs with bus-holder inputs are available commercially that are capable of performing this function. TI
plans to integrate bus holders internally on future revisions of its phys and LLCs. Figure 12 shows a typical
implementation using phy and LLC devices with internal bus holders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com