Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD834210MT Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD834210MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834210MT Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD834210MT Datasheet HTML 80Page - STMicroelectronics PSD834210MT Datasheet HTML 81Page - STMicroelectronics PSD834210MT Datasheet HTML 82Page - STMicroelectronics PSD834210MT Datasheet HTML 83Page - STMicroelectronics PSD834210MT Datasheet HTML 84Page - STMicroelectronics PSD834210MT Datasheet HTML 85Page - STMicroelectronics PSD834210MT Datasheet HTML 86Page - STMicroelectronics PSD834210MT Datasheet HTML 87Page - STMicroelectronics PSD834210MT Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
PSD834F2V
84/89
Table 56. Pin Assignments – PLCC52
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1
GND
27
PA2
2
PB5
28
PA1
3
PB4
29
PA0
4
PB3
30
AD0
5
PB2
31
AD1
6
PB1
32
AD2
7
PB0
33
AD3
8
PD2
34
AD4
9
PD1
35
AD5
10
PD0
36
AD6
11
PC7
37
AD7
12
PC6
38
VCC
13
PC5
39
AD8
14
PC4
40
AD9
15
VCC
41
AD10
16
GND
42
AD11
17
PC3
43
AD12
18
PC2 (VSTBY)
44
AD13
19
PC1
45
AD14
20
PC0
46
AD15
21
PA7
47
CNTL0
22
PA6
48
RESET
23
PA5
49
CNTL2
24
PA4
50
CNTL1
25
PA3
51
PB7
26
GND
52
PB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com