Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD834210MT Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD834210MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834210MT Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD834210MT Datasheet HTML 52Page - STMicroelectronics PSD834210MT Datasheet HTML 53Page - STMicroelectronics PSD834210MT Datasheet HTML 54Page - STMicroelectronics PSD834210MT Datasheet HTML 55Page - STMicroelectronics PSD834210MT Datasheet HTML 56Page - STMicroelectronics PSD834210MT Datasheet HTML 57Page - STMicroelectronics PSD834210MT Datasheet HTML 58Page - STMicroelectronics PSD834210MT Datasheet HTML 59Page - STMicroelectronics PSD834210MT Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
PSD834F2V
56/89
Figure 29. APD Unit
Automatic Power-down (APD) Unit and Power-
down Mode. The APD Unit, shown in Figure 29,
puts the PSD into Power-down mode by monitor-
ing the activity of Address Strobe (ALE/AS, PD0).
If the APD Unit is enabled, as soon as activity on
Address Strobe (ALE/AS, PD0) stops, a four bit
counter starts counting. If Address Strobe (ALE/
AS, PD0) remains inactive for fifteen clock periods
of CLKIN (PD1), Power-down (PDN) goes High,
and the PSD enters Power-down mode, as dis-
cussed next.
Table 27. Power-down Mode’s Effect on Ports
Power-down Mode. By default, if you enable the
APD Unit, Power-down mode is automatically en-
abled. The device enters Power-down mode if Ad-
dress Strobe (ALE/AS, PD0) remains inactive for
fifteen periods of CLKIN (PD1).
The following should be kept in mind when the
PSD is in Power-down mode:
s
If Address Strobe (ALE/AS, PD0) starts pulsing
again, the PSD returns to normal Operating
mode. The PSD also returns to normal
Operating mode if either PSD Chip Select Input
(CSI, PD2) is Low or the Reset (RESET) input is
High.
s
The MCU address/data bus is blocked from all
memory and PLDs.
s
Various signals can be blocked (prior to Power-
down mode) from entering the PLDs by setting
the appropriate bits in the PMMR registers. The
blocked signals include MCU control signals
and the common CLKIN (PD1). Note that
blocking CLKIN (PD1) from the PLDs does not
block CLKIN (PD1) from the APD Unit.
s
All PSD memories enter Standby mode and are
drawing standby current. However, the PLD and
I/O ports blocks do
not go into Standby Mode
because you don’t want to have to wait for the
logic and I/O to “wake-up” before their outputs
can change. See Table 27 for Power-down
mode effects on PSD ports.
s
Typical standby current is of the order of
microamperes. These standby current values
assume that there are no transitions on any PLD
input.
Table 28. PSD Timing and Stand-by Current during Power-down Mode
Note: 1. Power-down does not affect the operation of the PLD. The PLD operation in this mode is based only on the Turbo bit.
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN)
DISABLE BUS
INTERFACE
EEPROM SELECT
FLASH SELECT
SRAM SELECT
PD
CLR
PD
DISABLE
FLASH/EEPROM/SRAM
PLD
SELECT
AI02891
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Tri-State
Peripheral I/O
Tri-State
Mode
PLD Propagation Delay
Memory Access
Time
Access Recovery Time to
Normal Access
Typical Stand-by
Current
Power-down
Normal tPD (Note
1)
No Access
tLVDV
25 µA (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com