Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD834210MT Datasheet(PDF) 57 Page - STMicroelectronics

Part # PSD834210MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834210MT Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PSD834210MT Datasheet HTML 53Page - STMicroelectronics PSD834210MT Datasheet HTML 54Page - STMicroelectronics PSD834210MT Datasheet HTML 55Page - STMicroelectronics PSD834210MT Datasheet HTML 56Page - STMicroelectronics PSD834210MT Datasheet HTML 57Page - STMicroelectronics PSD834210MT Datasheet HTML 58Page - STMicroelectronics PSD834210MT Datasheet HTML 59Page - STMicroelectronics PSD834210MT Datasheet HTML 60Page - STMicroelectronics PSD834210MT Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
57/89
PSD834F2V
2. Typical current consumption assuming no PLD inputs are changing state and the PLD Turbo bit is 0.
For Users of the HC11 (or compatible). The
HC11 turns off its E clock when it sleeps. There-
fore, if you are using an HC11 (or compatible) in
your design, and you wish to use the Power-down
mode, you must not connect the E clock to CLKIN
(PD1). You should instead connect a crystal oscil-
lator to CLKIN (PD1). The crystal oscillator fre-
quency must be
less than 15 times the frequency
of AS. The reason for this is that if the frequency is
greater than 15 times the frequency of AS, the
PSD keeps going into Power-down mode.
Figure 30. Enable Power-down Flow Chart
Other Power Saving Options. The PSD offers
other reduced power saving options that are inde-
pendent of the Power-down mode. Except for the
SRAM Stand-by and PSD Chip Select Input (CSI,
PD2) features, they are enabled by setting bits in
PMMR0 and PMMR2.
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI02892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com