Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD834210MT Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD834210MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834210MT Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD834210MT Datasheet HTML 81Page - STMicroelectronics PSD834210MT Datasheet HTML 82Page - STMicroelectronics PSD834210MT Datasheet HTML 83Page - STMicroelectronics PSD834210MT Datasheet HTML 84Page - STMicroelectronics PSD834210MT Datasheet HTML 85Page - STMicroelectronics PSD834210MT Datasheet HTML 86Page - STMicroelectronics PSD834210MT Datasheet HTML 87Page - STMicroelectronics PSD834210MT Datasheet HTML 88Page - STMicroelectronics PSD834210MT Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
PSD834F2V
86/89
Table 57. Pin Assignments – PQFP52
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1
PD2
27
AD4
2
PD1
28
AD5
3
PD0
29
AD6
4
PC7
30
AD7
5PC6
31
VCC
6
PC5
32
AD8
7
PC4
33
AD9
8
VCC
34
AD10
9
GND
35
AD11
10
PC3
36
AD12
11
PC2
37
AD13
12
PC1
38
AD14
13
PC0
39
AD15
14
PA7
40
CNTL0
15
PA6
41
RESET
16
PA5
42
CNTL2
17
PA4
43
CNTL1
18
PA3
44
PB7
19
GND
45
PB6
20
PA2
46
GND
21
PA1
47
PB5
22
PA0
48
PB4
23
AD0
49
PB3
24
AD1
50
PB2
25
AD2
51
PB1
26
AD3
52
PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com