Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD834210MT Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD834210MT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD834210MT Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD834210MT Datasheet HTML 51Page - STMicroelectronics PSD834210MT Datasheet HTML 52Page - STMicroelectronics PSD834210MT Datasheet HTML 53Page - STMicroelectronics PSD834210MT Datasheet HTML 54Page - STMicroelectronics PSD834210MT Datasheet HTML 55Page - STMicroelectronics PSD834210MT Datasheet HTML 56Page - STMicroelectronics PSD834210MT Datasheet HTML 57Page - STMicroelectronics PSD834210MT Datasheet HTML 58Page - STMicroelectronics PSD834210MT Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
55/89
PSD834F2V
POWER MANAGEMENT
All PSD devices offer configurable power saving
options. These options may be used individually or
in combinations, as follows:
s
All memory blocks in a PSD (primary and
secondary Flash memory, and SRAM) are built
with power management technology. In addition
to using special silicon design methodology,
power management technology puts the
memories into standby mode when address/
data inputs are not changing (zero DC current).
As soon as a transition occurs on an input, the
affected memory “wakes up”, changes and
latches its outputs, then goes back to standby.
The designer does
not have to do anything
special to achieve memory standby mode when
no inputs are changing—it happens
automatically.
The PLD sections can also achieve Stand-by
mode when its inputs are not changing, as de-
scribed in the sections on the Power Manage-
ment Mode Registers (PMMR).
s
As with the Power Management mode, the
Automatic Power Down (APD) block allows the
PSD to reduce to stand-by current
automatically. The APD Unit can also block
MCU address/data signals from reaching the
memories and PLDs. This feature is available
on all the devices of the PSD family. The APD
Unit is described in more detail in the sections
entitled “Automatic Power-down (APD) Unit and
Power-down Mode”, on page 56.
Built in logic monitors the Address Strobe of the
MCU for activity. If there is no activity for a cer-
tain time period (MCU is asleep), the APD Unit
initiates Power-down mode (if enabled). Once in
Power-down mode, all address/data signals are
blocked from reaching PSD memory and PLDs,
and the memories are deselected internally.
This allows the memory and PLDs to remain in
standby mode even if the address/data signals
are changing state externally (noise, other de-
vices on the MCU bus, etc.). Keep in mind that
any unblocked PLD input signals that are
changing states keeps the PLD out of Stand-by
mode, but not the memories.
s
PSD Chip Select Input (CSI, PD2) can be used
to disable the internal memories, placing them
in standby mode even if inputs are changing.
This feature does not block any internal signals
or disable the PLDs. This is a good alternative
to using the APD Unit. There is a slight penalty
in memory access time when PSD Chip Select
Input (CSI, PD2) makes its initial transition from
deselected to selected.
s
The PMMRs can be written by the MCU at run-
time to manage power. All PSD supports
“blocking bits” in these registers that are set to
block designated signals from reaching both
PLDs. Current consumption of the PLDs is
directly related to the composite frequency of
the changes on their inputs (see Figure 32).
Significant power savings can be achieved by
blocking signals that are not used in DPLD or
CPLD logic equations.
PSD devices have a Turbo bit in PMMR0. This
bit can be set to turn the Turbo mode off (the de-
fault is with Turbo mode turned on). While Turbo
mode is off, the PLDs can achieve standby cur-
rent when no PLD inputs are changing (zero DC
current). Even when inputs do change, signifi-
cant power can be saved at lower frequencies
(AC current), compared to when Turbo mode is
on. When the Turbo mode is on, there is a sig-
nificant DC current component and the AC com-
ponent is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com