Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW301. Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button 3RW301. Datasheet HTML 32Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 33Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 34Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 35Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 36Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 37Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 38Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 39Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 40Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
15
Boundary conditions
CLASS 10 (normal starting):
3RW30:
Maximum start-up time 3 sec., with 300 % starting current, 20 starts/hour
3RW40/44:
Maximum start-up time 10 sec., current limiting 300 %, 5 starts/hour
CLASS 20 (heavy-duty starting):
3RW402., 3RW403., 3RW404.:
Maximum start-up time 20 sec., current limiting set to 300 %, maximum 5 starts/hour
3RW405., 3RW407., 3RW44:
Maximum start-up time 40 sec., current limiting set to 350 %, maximum 1 start/hour
CLASS 30 (ultra-heavy-duty starting):
Maximum start-up time 60 sec., current limiting set to 350 %, maximum 1 start/hour
General boundary conditions:
ON period 30 %
Stand-alone assembly
Installation altitude: maximum 1000 m / 3280 ft
Ambient temperature:
kW: 40 °C / 104 °F
hp: 50 °C / 122 °F
The stated motor ratings are only approximate values. The soft starter’s dimensioning should always exceed
the motor current (rated operating current). With deviating conditions, a larger device may have to be
selected.
Motor rating data are based on DIN 42973 (kW) and NEC 96/UL508 (hp).
Further details and information (e.g. on accessories and spare parts) can be found in the catalogs LV1 and
LV1 T “Low-Voltage Controls and Distribution” and in the current online editions of these catalogs on the
Internet at:
www.siemens.com/lowvoltage/catalogs
General and further information on SIRIUS soft starters is available on the Internet at:
www.siemens.com/softstarter
For optimum dimensioning (in case of deviations from the described boundary conditions),
we recommend application of the selection and simulation program
“Win-Soft Starter“.
(Order No.: E20001-D1020-P302-V2-7400)
Win-Soft Starter can also be ordered or downloaded via the following link:
www.siemens.com/lowvoltage/demosoftware
Alternatively, contact our
Technical Assistance: +49 911 895 5900
or write an e-mail to
technical-assistance@siemens.com
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com