Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW301. Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button 3RW301. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 13Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
What are the advantages of soft
starting?
The advantages are multiple, as the
SIRIUS 3RW30 reduces the stress on the
motor by reducing the start-up torque
and protects the mains against hazardous
current peaks through reduced current
input. This reliably eliminates line voltage
dips.
What are the benefits of the SIRIUS
3RW30?
The SIRIUS 3RW30 is particularly
compact thanks to its consistently
optimized power components in hybrid
technology. It thus also facilitates side-
by-side assembly up to 60 °C. It offers
fast configuration and easy mounting
with only 3 motor supply cables. Small
fuseless load feeders can be assembled
with a single module – with the SIRIUS
3RV circuit breaker. Also fused feeders
can be realized in a fast and space-saving
manner in combination with SIRIUS 3RB
solid-state overload relays.
What about safety and reliability?
Thanks to two-phase control and the
patented “polarity balancing” control
principle, the SIRIUS 3RW30 is a
dependable device which ensures safe
and reliable operation. In addition,
the integrated bypass contact system
reduces the soft starter‘s heat loss
during operation.
What are the application areas?
The SIRIUS 3RW30 can be employed in
almost any standard application up to
a motor rating of 55 kW with 400 V.
For example for driving conveyor belts,
compressors, grinding machines, saws,
agitators, etc.
How is the SIRIUS 3RW30 set?
Ramp-up time and starting voltage
can be comfortably and easily set via
2 potentiometers, ensuring optimum
starting behavior.
How is the soft starter controlled?
Without interface relays the SIRIUS
3RW30 can be directly controlled via
the PLC – or via the control input. The
respective operating state is signaled via
a relay output.
What are the saving potentials?
Space savings in the control cabinet
up to 70% are achievable compared to
wye-delta* starters (example 18.5 kW:
45 mm width instead of 158 mm). The
SIRIUS 3RW30 also pays off in terms of
mounting: with only 3 instead of 6 motor
supply cables.
The 3RW30 is also available with
removable control terminals. When
replacing a 3RW30, the wiring on the
terminal thus remains intact (“permanent
wiring”) and the terminals are simply
snapped onto the new 3RW30, which
saves a considerable amount of time.
Is the SIRIUS 3RW30 affordable?
Absolutely as it not only ensures reliable
operation thanks to standardized
production, but is also very attractive in
terms of price.
How about accessories?
In addition to easy-to-mount terminal
covers for optimum touch protection,
also box terminal blocks, connection
modules and labeling strips from the
SIRIUS range are available for the 3RW30.
With the SIRIUS 3RW30 in size S0 (45 mm),
up to 38 A can be switched
* star-delta
11
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com