Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW301. Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button 3RW301. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 16Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 17Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 18Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 19Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 20Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 21Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 22Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
The SIRIUS 3RW40 offers this
sensitivity as a standard:
The settable current limiting of the
SIRIUS 3RW40 limits the load of the
mains transformer during motor
start-up.
Motor protection is ensured by the
motor overload relay with settable
tripclasses integrated in the soft
starter.
The adjustable voltage ramp ensures
the hydraulic pump’s start and
stop without torque surges.
■
■
■
For the production of motor blocks, the
required bores are drilled in the motor’s
aluminum block by means of a milling
head. Due to the milling head’s high
inertia, shutdown of the 15 kW motor
is subject to long stopping times, which
cause long downtimes for tool changes
and set-up operation.
The start-up behavior of milling
machines requires maximum
functionality:
To prevent excessive wear of the drive
belts due to slippage, milling machines
require an optimized and torque-
controlled start-up behavior.
The motor’s starting current has to be
reduced to minimize the mains load.
The motor has to be braked with DC
current to reduce the machine’s long
stopping times.
■
■
■
Competent solution with SIRIUS
3RW44:
To optimally master the difficult
starting conditions, the SIRIUS 3RW44
with torque control and dynamic DC
brake function is employed.
Slippage of the belts during start-
up is prevented by torque control with
adjusted torque limiting function.
This rapidly accelerates the milling
head to the nominal speed without
slippage of the belt drives.
A higher-level current limiting function
reduces the motor’s starting current to
a set maximum value.
The optimum setting of the dynamic
DC brake function shuts the milling
head down in minimum time.
Also motor and device overload
protection is excellently mastered
by the SIRIUS 3RW44 high-feature soft
starter.
■
■
■
■
■
■
SIRIUS 3RW44 – for soft starting of
milling machines with DC braking
19
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com