Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW301. Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button 3RW301. Datasheet HTML 17Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 18Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 19Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 20Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 21Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 22Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 23Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 24Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Typical application areas
Standard applications
Construction / construction
material machines
Presses
Escalators
Transportation systems
Pumps
Fans
Air-conditioning systems
Ventilators
Conveyor belts
Compressors and cooling systems
Drives
High-feature applications
Pumps (also oil industry)
Ventilators
Compressors
Industrial cooling systems
Industrial refrigerating systems
Water transportation
Conveyor systems and elevators
Hydraulic systems
Machine tools
Mills
Saws
Crushers
Mixers
Centrifuges
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
Recommended parameter settings
The suitable soft starter for your application
The Win-Soft Starter selection and simulation program
facilitates a fast and highly accurate selection of a suitable
SIRIUS soft starter for your respective application. Even
under difficult boundary conditions – for example with high
moment of inertia or frequent switching cycles – the start-
up and stop of your motor is simulated, displayed and the
optimum soft starter selected.
Your advantages
With Win-Soft Starter, laborious manual calculations are
unnecessary. Based on individual parameters – from
mains conditions to motor and load data, down to specific
requirements – the program determines the suitable soft
starter. Furthermore, various sample loads can be called up:
In consideration of the operating modes, the motor start-up
and stop is precisely simulated, including indicated torques,
starting currents and speed curves.
Place your order now
The Win-Soft Starter CD-ROM can be obtained for a small
cost under the following order number:
E20001-D1020-P302-V2-7400
or can be downloaded free of charge from
www.siemens.com/lowvoltage/demosoftware
Our Technical Assistance will be pleased to help you with
any questions:
www.siemens.com/lowvoltage/technical-assistance
Win-Soft Starter
Effective Selection of SIRIUS Soft Starters
www
.siemens.com/sof
tstarter
Version
3.0
Auswa
hl- und
Simulationspr
ogram
m
Selection
and sim
ulation
software
Application
UStart %
tStart sIlimit 3RW40/44
UKick
3RW44
tStop
CLASS
3RW40/44
Pump
40
10
3–4xIM
---
10
10
Heat pump
40
10
3–4xIM
---
10
10
Hydraulic pump
40
10
3–4xIM
---
0
10
Press
40
10
3–4xIM
---
0
10
Belt conveyor
70
10
OFF (e.g. 5xIM)
---
5
10
Roller conveyor
60
10
OFF (e.g. 5xIM)
---
5
10
Screw conveyor
50
10
OFF (e.g. 5xIM)
---
5
10
Escalator
60
10
OFF (e.g. 5xIM)
---
5
10
Piston compressor
40
10
4xIM
---
0
10
Screw compressor
50
10
4xIM
---
0
10
Small fan
40
10
4xIM
---
0
10
Centrifugal blower
40
10
4xIM
---
0
10
Bow thruster
40
10
4xIM
---
0
10
Agitator
40
30
3–4xIM
---
0
20
Extruder
70
10
OFF (e.g. 5xIM)
---
0
20
Turning machine
40
30
3–4xIM
---
0
20
Milling machine
40
30
3–4xIM
---
0
20
Large fan
40
60
3–4xIM
---
0
30
Circular saw / band saw
40
60
3–4xIM
---
0
30
Centrifuge
40
60
3–4xIM
---
0
30
Mill
40
60
3–4xIM
80% 300 ms
0
30
Crusher
40
60
3–4xIM
80% 300 ms
0
30
21
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com