Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RW301. Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # 3RW301.
Description  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW301. Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button 3RW301. Datasheet HTML 5Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 6Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 7Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 8Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 9Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 10Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 11Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 12Page - Siemens Semiconductor Group 3RW301. Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
In the past, typical starter solutions for
standard applications were based on
direct and wye-delta* starting. Today,
the advantages offered by soft starter
solutions are increasingly utilized.
SIRIUS soft starters, for example, not
only improve the start-up behavior of
escalators, elevators, conveyor belts and
pumps, as they simply facilitate a softer
start-up than electro-mechanical starters.
Above all, they protect the drive system
and the mains supply and thus contribute
to reducing the system costs from many
points of view.
To allow for an optimum adjustment of
your drive to the application, we offer
a complete portfolio of soft starters in
various sizes for almost any application
area. For example, the two-phase-
controlled SIRIUS 3RW30 is particularly
suitable for standard applications up to
55 kW. SIRIUS 3RW40, which additionally
offers motor overload, intrinsic device
and thermistor motor protection, also
masters demanding tasks in a soft
manner within the power range from 5.5
to 250 kW.
* star-delta
9
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com