Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC0455/50 Datasheet(PDF) 1 Page - Bosch Sensortec GmbH

Part # LTC0455/50
Description  Color Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

LTC0455/50 Datasheet(HTML) 1 Page - Bosch Sensortec GmbH

  LTC0455/50 Datasheet HTML 1Page - Bosch Sensortec GmbH LTC0455/50 Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LTC 0455 Series
Color Cameras
Security you can rely on
•
1/3-inch Format CCD Imager
•
High Sensitivity
•
Advanced Digital Signal
Processing
•
High Resolution with
Outstanding Picture Quality
•
Extended Sensitivity with
NightSense™
•
Auto Detection of Lens Type
with Lens Wizard
•
Easy to Install
•
Accepts AC or DC Voltages
The LTC 0455 series are compact rugged, 1/3-inch image
format digital color CCD cameras. Their superior
sensitivity, resolution and picture quality provide optimal
performance in virtually all situations.
This fully automatic camera is ready to work for you,
and is easy to install in even the most demanding
applications. On-screen Displays (OSD) provide quick
and easy access to all camera features.
The LTC 0455 cameras also comes with a lens wizard
that automatically detects the type of lens installed and
provides an OSD guide that allows the installer to
easily adjust the lens level and focus without special tools
or filters.
The automatic black level feature, now introduced in
color cameras, enhances contrast by removing veiling
glare from the picture. NightSense™ is used to further
extend the excellent sensitivity by a factor 3 in
monochrome operation. This mode can be automatically
activated under low light situations.
Automatic sensing for tracking white balance, provides
true to life color images in indoor and outdoor
applications.
The ability to operate on AC or DC provides added
flexibility to system designs and reduces the amount of
training and support items to keep on-hand.
Easy Installation, digital signal processing, on screen
displays, superior picture quality and reliability brings the
video performance of high resolution color cameras to a
level never reached before and makes the LTC 0455 series
the best choice for first time and professional users.
Bilinx Technology
The LTC0455 series cameras incorporate Bilinx. Bilinx is
a bi-directional communication capability embedded in
the video signal of all Bosch Dinion cameras. With Bilinx
technicians can check status, change camera settings and
even update firmware from virtually anywhere along the
video cable. Bilinx reduces service and installation time,
provides for more accurate set-up and adjustment, and
improves overall performance. In addition, Bilinx uses
the standard video cable to transmit alarm and status
messages, providing superior performance without addi-
tional installation steps.


Similar Part No. - LTC0455/50

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
LTC0455/10 BOSCH-LTC0455/10 Datasheet
103Kb / 1P
Converter of image CCD with format of 1/3 of inch.
More results

Similar Description - LTC0455/50

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2101FH PANASONIC-AN2101FH Datasheet
43Kb / 2P
NTSC/PAL signal processor IC for 510H color CCD cameras
MN6761S PANASONIC-MN6761S Datasheet
71Kb / 9P
External Synchronization Control LSI for Color Video Cameras
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
logo
Sony Corporation
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Cirrus Logic
CS7666 CIRRUS-CS7666 Datasheet
676Kb / 42P
DIGITAL COLOR-SPACE PROCESSOR FOR CCD CAMERAS
logo
A1 PROs co., Ltd.
AI2152 A1PROS-AI2152 Datasheet
142Kb / 33P
Digital Signal Processor for Color CCD Cameras
logo
Sangdest Microelectroni...
SMP3030-01ETG SMC-SMP3030-01ETG Datasheet
283Kb / 5P
Digital Cameras
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com