Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R66 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3ZM-R66
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R66 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3ZM-R66 Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 13Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
E3ZM
10
I/O Circuit Diagrams
NPN Output
* Models numbers for Through-beam Sensors (E3ZM-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3ZM-T61-L 2M), the model number of the Receiver,
by adding "-D" (example: E3ZM-T61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3ZM-T61*
E3ZM-T63*
E3ZM-T66*
E3ZM-T68*
E3ZM-R61
E3ZM-R66
E3ZM-D62
E3ZM-D67
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3ZM-LS61H
E3ZM-LS66H
E3ZM-LS62H
E3ZM-LS67H
E3ZM-LS64H
E3ZM-LS69H
Light-ON
Connect
pink lead
(2) to brown
lead (1).
Dark-ON
Connect
pink lead
(2) to blue
lead (3) or
leave open.
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between brown
A
and black
D leads)
Output transistor
Load
(e.g., relay)
4
3
1
0 V
ZD
Through-beam Receivers, Retro-reflective Models,
Diffuse-reflective Models
10 to 30 VDC
Brown
Operation
indicator
(Yellow)
Stability
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
(Control
output)
100 mA
max.
Black
Blue
Load
(Relay)
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between brown
A
and black
D leads)
Output transistor
Load
(e.g., relay)
3
1
Through-beam Emitter
Power
indicator
(green)
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
10 to 30 VDC
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between brown
A
and black
D leads)
4
3
2
1
10 to 30 VDC
Brown
Black
Blue
Pink
100 mA max.
(Control output)
Light-ON
Dark-ON
Operation
indicator
(Yellow)
Stability
indicator
(Green)
0 V
ZD
Load
(Relay)
Photo-
electric
Sensor
Main
Circuit
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between brown
A
and black
D leads)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com