Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R66 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3ZM-R66
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R66 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3ZM-R66 Datasheet HTML 1Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 2Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 3Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 4Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 5Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
E3ZM
3
Ordering Information
Sensors (Refer to Dimensions on page 15.)
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Accessories (Order Separately)
Reflectors (A Reflector is required for each Retro-reflective Sensor: A Reflector is not provided with the Sensor. Be sure to order a Reflector.)
(Refer to Dimensions on E39-L/E39-S/E39-R.)
Note: If you use the Reflector at any distance other than the rated distance, make sure that the stability indicator lights properly when you install the Sensor.
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Sensing
method
Appear-
ance
Connection
method
Sensing distance
Model
NPN output
PNP output
Through-
beam
(Emitter +
Receiver)
Pre-wired (2 m)
E3ZM-T61 2M
E3ZM-T81 2M
Emitter E3ZM-T61-L 2M
Receiver E3ZM-T61-D 2M
Emitter E3ZM-T81-L 2M
Receiver E3ZM-T81-D 2M
Connector (M8, 4 pins)
E3ZM-T66
E3ZM-T86
Emitter E3ZM-T66-L
Receiver E3ZM-T66-D
Emitter E3ZM-T86-L
Receiver E3ZM-T86-D
Pre-wired (2 m)
E3ZM-T63 2M
E3ZM-T83 2M
Emitter E3ZM-T63-L 2M
Receiver E3ZM-T63-D 2M
Emitter E3ZM-T83-L 2M
Receiver E3ZM-T83-D 2M
Connector (M8, 4 pins)
E3ZM-T68
E3ZM-T88
Emitter E3ZM-T68-L
Receiver E3ZM-T68-D
Emitter E3ZM-T88-L
Receiver E3ZM-T88-D
Retro-
reflective with
MSR function
Pre-wired (2 m)
E3ZM-R61 2M
E3ZM-R81 2M
Connector (M8, 4 pins)
E3ZM-R66
E3ZM-R86
Diffuse-
reflective
Pre-wired (2 m)
E3ZM-D62 2M
E3ZM-D82 2M
Connector (M8, 4 pins)
E3ZM-D67
E3ZM-D87
BGS
reflective
(fixed
distance)
Pre-wired (2 m)
E3ZM-LS61H 2M
E3ZM-LS81H 2M
Connector (M8, 4 pins)
E3ZM-LS66H
E3ZM-LS86H
Pre-wired (2 m)
E3ZM-LS62H 2M
E3ZM-LS82H 2M
Connector (M8, 4 pins)
E3ZM-LS67H
E3ZM-LS87H
Pre-wired (2 m)
E3ZM-LS64H 2M
E3ZM-LS84H 2M
Connector (M8, 4 pins)
E3ZM-LS69H
E3ZM-LS89H
Name
E3ZM-R
Sensing distance *
Model
Quantity
Remarks
Rated value
Reference value
Reflector
3 m (100 mm)
---
E39-R1
1
• Reflectors are not provided with Retro-reflec-
tive models.
• The MSR function is enabled.
4 m (100 mm)
---
E39-R1S
1
---
5 m (100 mm)
E39-R2
1
---
2.5 m (100 mm)
E39-R9
1
---
3.5 m (100 mm)
E39-R10
1
Fog Preventive Coating
---
3 m (100 mm)
E39-R1K
1
Small Reflector
---
1.5 m (50 mm)
E39-R3
1
Tape Reflector
---
700 mm (150 mm)
E39-RS1
1
---
1.1 m (150 mm)
E39-RS2
1
---
1.4 m (150 mm)
E39-RS3
1
Red light
Infrared light
15 m
0.8 m
(apertures built in)
*1
4 m
(100 mm)
(Using E39-R1S)
*2
1 m
10 to 100 mm
10 to 150 mm
10 to 200 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com