Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R66 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3ZM-R66
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R66 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3ZM-R66 Datasheet HTML 1Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 2Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 3Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 4Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 5Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 6Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
E3ZM
5
Ratings and Specifications
* IP69K Degree of Protection Specifications
IP69K is a protection specification stipulated by DIN 40050 Part 9 of the German standards.
The test item is sprayed with 80°C water from a nozzle of a specified shape at a water pressure of 80 to 100 bar. The amount of water
is 14 to 16 liters per minute.
The distance between the test item and the nozzle is 10 to 15 cm. The water is discharged at angles of 0°, 30°, 60°, and 90° from
the horizontal plane for 30 seconds at each angle while the test item is rotated horizontally.
Sensing
method
Through-beam
Retro-reflective with
MSR function
Diffuse-reflective
Models
Model
NPN output
E3ZM-T61
E3ZM-T66
E3ZM-T63
E3ZM-T68
E3ZM-R61
E3ZM-R66
E3ZM-D62
E3ZM-D67
Item
PNP output
E3ZM-T81
E3ZM-T86
E3ZM-T83
E3ZM-T88
E3ZM-R81
E3ZM-R86
E3ZM-D82
E3ZM-D87
Sensing distance
15 m
0.8 m
4 m [100 mm]
(Using E39-R1S)
3 m [100 mm]
(Using E39-R1)
1 m
(White paper
300
× 300 mm)
Spot diameter (typical)
---
Standard sensing object
Opaque: 12-mm dia. min.
Opaque: 2-mm dia. min.
Opaque: 75-mm dia. min.
---
Differential travel
---
20% of sensing distance
max.
Black/white error
---
Directional angle
Emitter, Receiver: 3
° to 15°
Sensor: 3
° to 10°
Reflector: 30°
---
Light source (wavelength)
Infrared LED (870 nm)
Red LED (660 nm)
Infrared LED (860 nm)
Power supply voltage
10 to 30 VDC, including 10% ripple (p-p)
Current consumption
40 mA max.
(Emitter 20 mA max., Receiver 20 mA max.)
25 mA max.
Control output
Load power supply voltage: 30 VDC max., Load current: 100 mA max. (Residual voltage: 2 V max.)
Open-collector output (NPN/PNP output depending on model)
Light-ON/Dark-ON switch selectable
Protection circuits
Reversed power supply polarity protection, Output
short-circuit protection, and Reversed output polarity
protection
Reversed power supply polarity protection, Output
short-circuit protection, Mutual interference preven-
tion, and Reversed output polarity protection
Response time
Operate or reset: 1 ms max.
Sensitivity adjustment
One-turn adjuster
Ambient illumination
(Receiver side)
Incandescent lamp: 3,000 lx max., Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C, Storage: −40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of protection *
IEC: IP67, DIN 40050-9: IP69K
Connection method
Pre-wired cable (standard length: 2 m)
M8 4-pin Connector
Indicator
Operation indicator (yellow), Stability indicator (green) (Emitter has only power supply indicator (green).)
Weight
(packed
state)
Pre-wired models
(with 2-m cable)
Approx. 150 g
Approx. 90 g
Connector models Approx. 60 g
Approx. 40 g
Materials
Case
SUS316L
Lens
PMMA (polymethylmethacrylate)
Display
PEI (Polyetherimide)
Sensitivity
adjustment and
mode selector
switch
PEEK (polyetheretherketone)
Seals
Fluoro rubber
Accessories
Instruction sheet (Note: Reflectors and Mounting Brackets are sold separately.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com