Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R66 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E3ZM-R66
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R66 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3ZM-R66 Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 13Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 14Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 15Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 16Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
E3ZM
15
Dimensions
Sensors
* Models numbers for Through-beam Sensors (E3ZM-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3ZM-T61-L 2M), the model number of the Receiver,
by adding "-D" (example: E3ZM-T61-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Through-beam Models*
Pre-wired Models
E3ZM-T61
E3ZM-T81
E3ZM-T63
E3ZM-T83
Through-beam Models*
Standard Connector
E3ZM-T66
E3ZM-T86
E3ZM-T68
E3ZM-T88
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Emitter
10.8
10.8
21
21
3
2.8
12.7
31
31
1.2
25.4
4 dia. vinyl-insulated round cable with 2 or 3 conductors (Conductor
cross section: 0.2 mm2 (AWG24), Insulator diameter: 1.1 mm),
Standard lengths: 2 m
Power indicator (green)
Emitter
6.4 dia.
Two, M3
25.4
4 dia. vinyl-insulated round cable with 3 conductors (Conductor
cross section:0.2 mm2 (AWG24), Insulator diameter:1.1 mm),
Standard length: 2 m
11.6
4.5
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster
Operation selector
Two, M3
Receiver
21
21
3
2.8
12.7
10.8
10.8
31
31
1.2
Receiver
6.4 dia.
Two, M3
Power indicator (green)
M8
×1
Emitter
6.4 dia.
31
31
1.2
7
Emitter
10.8
10.8
21
21
3
2.8
12.7
25.4
24
13
Terminal No.
Specifications
1+V
2---
30 V
4---
Receiver
6.4 dia.
31
31
1.2
7
10.8
10.8
Stability indicator (green)
Operation Indicator (yellow)
Sensitivity adjuster
Operation selector
11.6
4.5
21
21
3
2.8
12.7
25.4
M8
×1
Two, M3
Receiver
24
13
Terminal No.
Specifications
1+V
2
---
30 V
4
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com