Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3ZM-R66 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3ZM-R66
Description  Compact Photoelectric Sensor with Stainless Steel Housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-R66 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3ZM-R66 Datasheet HTML 7Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 8Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 9Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 10Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 11Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 12Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 13Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 14Page - Omron Electronics LLC E3ZM-R66 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
E3ZM
11
PNP Output
* Models numbers for Through-beam Sensors (E3ZM-T
@@) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "-L" to the set model number (example: E3ZM-T81-L 2M), the model number of the Receiver,
by adding "-D" (example: E3ZM-T81-D 2M.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
Connector Pin Arrangement
Plugs (Sensor I/O Connectors)
Model
Operation
mode
Timing charts
Operation
selector
Output circuit
E3ZM-T81*
E3ZM-T83*
E3ZM-T86*
E3ZM-T88*
E3ZM-R81
E3ZM-R86
E3ZM-D82
E3ZM-D87
Light-ON
L side
(LIGHT ON)
Dark-ON
D side
(DARK ON)
E3ZM-LS81H
E3ZM-LS86H
E3ZM-LS82H
E3ZM-LS87H
E3ZM-LS84H
E3ZM-LS89H
Light-ON
Connect
pink lead
(2) to brown
lead (1).
Dark-ON
Connect
pink lead
(2) to blue
lead (3) or
leave open.
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between blue
C
and black
D leads)
Output transistor
Load
(e.g., relay)
4
1
3
0 V
ZD
Through-beam Receivers, Retro-reflective Models,
Diffuse-reflective Models
Operation
indicator
(Yellow)
Stability
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
(Control
output)
10 to 30 VDC
Brown
Black
Blue
100 mA
max.
Load
(Relay)
Light incident
Light interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between blue
C
and black
D leads)
Output transistor
Load
(e.g., relay)
3
1
Through-beam Emitter
Power
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
10 to 30 VDC
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between blue
C
and black
D leads)
4
3
2
1
Pink
100 mA max.
(Control output)
Light-ON
Dark-ON
0 V
ZD
Operation
indicator
(Yellow)
Stability
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
10 to 30 VDC
Brown
Black
Blue
Load
(Relay)
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between blue
C
and black
D leads)
M8 Connector (-CN)/M8 Pre-wired Connector
M8 4-pin Connector Pin Arrangement
1
2
4
3
M8 4-pin Connectors
2
4
1
3
1
2
3
4
XS3F-E421-402-A
XS3F-E421-405-A
XS3F-E422-402-A
XS3F-E422-405-A
Brown
White
Blue
Black
Wire color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com