Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-000 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-000 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-000 Datasheet HTML 8Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 9Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 10Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 11Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 12Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 13Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 14Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 15Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
E5CD/E5CD-B
12
External Connections
E5CD (Screw Terminal Blocks)
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less.
If the cable length exceeds 30 m, compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring).
Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring
(internal wiring).
6
4
5
6
5
6
Pt
A
B
B
+
−
mA
−
+
5
4
V
−
5
V
6
+
4
TC
4
I
10
7
8
9
13
14
15
18
16
13
14
15
16
17
17
18
18
13
14
15
16
17
EV1
EV2
CT1
CT1
B(+)
A(
−)
(
−)
RS-485
17
18
12
15
16
1
2
13
14
3
11
4
6
7
8
9
10
5
18
13
14
15
16
17
004
Communications (RS-485),
Event Inputs 3 and 4
B(+)
A(
−)
RS-485
EV3
EV4
(
−)
18
13
14
15
16
V
17
006
Event inputs 1and 2,
and transfer output
EV1
EV2
(
−)
+
+
−
I
Transfer
Output
The E5CD is set for a K-type thermocouple (input type = 5) by
default. An input error (
s.err) will occur if the input type setting does
not agree with the temperature sensor. Check the input type.
Relay output
250 VAC, 3 A (resistive load)
Voltage output
(for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max
Relay outputs
250 VAC, 3 A (resistive load)
(no polarity)
100 to 240 VAC
24 VAC/DC
Auxiliary outputs 1, 2
Auxiliary output 2
Auxiliary output 1
001
Event Inputs 1
and 2, and CT1
002
Communications
(RS-485), CT1
(2) Auxiliary Outputs
(3) Input Power Supply
(5) Sensor (Temperature/Analog) Input
(6) Options
Models with
1 Relay Output
(1) Control output 1
Models with 1
Voltage Output
(for Driving SSR)
E5CD-
@@ 2 @ 6 M - @@@
↑
Terminal type
11
12
11
12
(1) (2) (3) (4) (5)
(6)
Use no-voltage inputs for the event inputs.
The polarity for non-contact inputs is given in parentheses.
Control output 1
Auxiliary outputs 1, 2
OUT1
R
1
2
RX
1
2
OUT1
Q
QX
+
−
Models with 1
Linear Current Output
1
2
OUT1
C
CX
+
−
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com