Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-000 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-000 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-000 Datasheet HTML 48Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 49Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 50Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 51Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 52Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 53Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 54Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 55Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 56Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
E52
52
Dimensions
*1. Lead wires (compensating conductor) (excluding Y-type crimp terminals)
Heat-resistance model (0 to 200°C): PFA glass-wool sheath with stainless outer shield
Flexible, heat-resistance model (0 to 200°C): PFA glass-wool sheath with stainless outer shield
*2. Temperature range of sleeve: 0 to 260°C
*3. The sheath can be easily bent. Performance will not be adversely affected even if the sheath is bent somewhat.
Do not bend the sheath beyond the following value.
Minimum bending radius: 2 mm
Bendable section: 8 mm or farther from the end
List of Models
Custom-made models are available on request. Refer to page 51 for details.
Y-type crimp terminals for M3.0
Ferrules
Terminal type
Protective
tubing
diameter D
(mm)
Protective
tubing
length L
(cm)
Lead wire type
Lead wire length M (m)
0.5
1
2
Model
Exposed-lead
Models
1 dia.
6
Heat resistive E52-CA6AY D=1 S1 0.5M
E52-CA6AY D=1 S1 1M
---
Flexible
Heat resistive
---
E52-CA6AY D=1 S2 1M
E52-CA6AY D=1 S2 2M
12
Heat resistive E52-CA12AY D=1 S1 0.5M
E52-CA12AY D=1 S1 1M
---
Flexible
Heat resistive
---
E52-CA12AY D=1 S2 1M
E52-CA12AY D=1 S2 2M
Terminal type
Protective
tubing
diameter D
(mm)
Protective
tubing
length L
(cm)
Lead wire type
Lead wire length M (m)
0.5
1
2
Model
Exposed-lead
Models
1 dia.
6
Heat resistive E52-CA6AF D=1 S1 0.5M
E52-CA6AF D=1 S1 1M
---
Flexible
Heat resistive
---
E52-CA6AF D=1 S2 1M
E52-CA6AF D=1 S2 2M
12
Heat resistive E52-CA12AF D=1 S1 0.5M
E52-CA12AF D=1 S1 1M
---
Flexible
Heat resistive
---
E52-CA12AF D=1 S2 1M
E52-CA12AF D=1 S2 2M
1
±0.05 dia.
Shrinkable tube (blue)
Lead wire
*1
Sheath (ASTM316L)
*3
Sleeve (PPS resin)
*2
Product label
90
±10
(80)
30
±5
L
±3%
M
±4%
S1: 5.5 dia.
S2: 6.4 dia.
S1: 2.8 dia.
S2: 3.6 dia.
Red:
+
White:
−
30
Y-type crimp terminals for M3.0
Mark tube (white)
+0.1
−0.3
+0.1
−0.3
Y-type crimp terminals for M3.0
Ferrules
Sheath (ASTM316L)
*3
Sleeve (PPS resin)
*2
Lead wire
*1
S1: 2.8 dia.
S2: 3.6 dia.
Shrinkable tube (blue)
Product label
Mark tube (white)
Red:
+
White:
−
S1: 5.5 dia.
S2: 6.4 dia.
+0.1
−0.3
+0.1
−0.3
1
±0.05 dia.
90
±10
(80)
30
±5
L
±3%
M
±4%
30
Ferrules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com