Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-000 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-000 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-000 Datasheet HTML 30Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 31Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 32Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 33Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 34Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 35Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 36Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 37Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
E5ED/E5ED-B
34
Dimensions
(Unit: mm)
Controllers
45+0.6
0
92+0.8
0
120 min.
(48 × number of units - 2.5)+1.0
0
Mounted Separately
Group Mounted
*
92+0.8
0
Group mounting does not allow
waterproofing.
Mounting Adapter
(Accessory)
Waterproof Packing
(Accessory)
Terminal Covers
(E53-COV24, accessory)
96
110
48
62
(66)
4
44
91
1
E5ED
• Recommended panel thickness is 1 to 8 mm.
• Group mounting is not possible in the vertical direction. (Maintain the speci-
fied mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the waterproof pack-
ing onto the Controller.
• When two or more Controllers are mounted, make sure that the surrounding
temperature does not exceed the allowable operating temperature specified
in the specifications.
• Use a control panel thickness of 1 to 3 mm if the Y92A-49N and a USB-
Serial Conversion Cable are used together.
• Setup Tool ports are provided as standard feature. Use these ports to connect a computer to the Digital Temperature Controller. The
E58-CIFQ2 USB-Serial Conversion Cable is required to connect to the port on the top panel. The E58-CIFQ2 USB-Serial Conversion
Cable and E58-CIFQ2-E Communications Conversion Cable are required to connect to the port on the front panel. (You cannot leave
either port connected constantly during operation.)
110
67.4
(71.4)
4
(1)
96
48
44
91
Waterproof Packing
(Accessory)
Mounting Adapter
(Accessory)
E5ED-B
92+0.8
0
60 min.
120 min.
45+0.6
0
* Selections for Control Outputs 1 and 2: QR or RR
If you also specify 022 for the option selection and use group
mounting, the ambient temperature must be 45°C or less. Maintain
the following spacing when more than one Digital Controller is
installed at an ambient temperature of 55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com