Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-000 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-000 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-000 Datasheet HTML 17Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 18Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 19Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 20Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 21Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 22Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 23Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 24Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
E5ED/E5ED-B
21
Model Number Legend and Standard Models
Model Number Legend
Models with Screw Terminal Blocks
E5ED-
@@ 4 @ 6M -@@@
(Example: E5ED-RX4A6M-000)
−− − − − − −−−
AB C D E
F
Heating and Cooling Control
Using Heating and Cooling Control
A Control Output Assignment
If there is no control output 2, an auxiliary output is used as the cooling control output.
If there is a control output 2, the two control outputs are used for heating and cooling. (It does not matter which output is used for heating and which
output is used for cooling.)
B Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
List of Models
Model
A
B
C
D
E
F
Meaning
Control outputs
1 and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5ED
48
× 96 mm
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output (for driving SSR)
None
CX
Linear current output
None
QR
Voltage output (for driving SSR)
Relay output
RR
Relay output
Relay output
4
4 (auxiliary outputs 1 and 2 with same common and
auxiliary outputs 3 and 4 with same common)
A
100 to 240 VAC
D
24 VAC/DC
6
Screw terminal blocks (with E53-COV24 Terminal
Cover), draw-out structure
M
Universal input
HB alarm and
HS alarm
Communications Event
inputs
Transfer
Output
000
---
---
---
---
*1
004
---
RS-485
2
---
*2
008
1
RS-485
2
---
*3
010
1
---
4
---
*1
022
---
RS-485
4
Provided.
*1. This option can be selected when the control output is CX.
*2. This option can be selected when the control output is RX, QX, QR, or RR.
*3. This option can be selected when the control output is RX or QX.
Model
Model
E5ED-RX4A6M-000
E5ED-CX4A6M-000
E5ED-RX4D6M-000
E5ED-CX4D6M-000
E5ED-RX4A6M-008
E5ED-CX4A6M-004
E5ED-RX4D6M-008
E5ED-CX4D6M-004
E5ED-RX4A6M-010
E5ED-CX4A6M-022
E5ED-RX4D6M-010
E5ED-CX4D6M-022
E5ED-QX4A6M-000
E5ED-RR4A6M-000
E5ED-QX4D6M-000
E5ED-RR4A6M-008
E5ED-QX4A6M-008
E5ED-QR4A6M-000
E5ED-QX4D6M-008
E5ED-QR4A6M-008
E5ED-QX4A6M-010
E5ED-QX4D6M-010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com