Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CD-RX2D6M-000 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # E5CD-RX2D6M-000
Description  Digital Temperature Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CD-RX2D6M-000 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button E5CD-RX2D6M-000 Datasheet HTML 37Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 38Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 39Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 40Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 41Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 42Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 43Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 44Page - Omron Electronics LLC E5CD-RX2D6M-000 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
E5CD/E5ED
41
SS
S
S
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
Move to Calibration
Level
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
25
0
init
off
a1lt
off
a2lt
off
a3lt
off
a4lt
off
prlt
3
a1on
0
a2on
0
a3on
0
a4on
0
a1of
0
a2of
0
a3of
0
a4of
0
mant
hold
mani
0.0
rt
off
hsu
on
pf
shft
pfd1
1
pfd2
0
pfd3
0
pfd4
0
pfd5
0
spd1
4
spd2
0
pvst
off
svst
off
d.ref
0.25
cmov
0
hsl
off
hsh
0.1
lba
0
lbal
8.0
lbab
3.0
out1
o
out2
none
sub1
alm1
sub2
alm2
sub3
alm3
sub4
alm4
alma
49
t-u
m
alsp
sp-m
M
M
M
pvrp
20
hctm
0
ompw
1.0
mspu
off
spru
m
rest
a
sb1n
n-o
sb2n
n-o
sb3n
n-o
sb4n
n-o
hbu
on
hbl
off
hbh
0.1
alfa
0.65
tidu
1
at-g
0.8
at-h
0.8
lcma
20.0
mav
off
M
M
M
M
ret
off
brgt
3
alt4
2
alh4
0.2
M
alh3
0.2
ev-1
msp0
ev-2
stop
sqr
off
Operation After Power ON
M
p-on
cont
amov
0
M
M
M
M
M
cjc
on
manl
off
M
M
Llcmt
0.2
M
M
alt1
2
alh1
0.2
M
alt2
2
alh2
0.2
M
M
alt3
2
M
M
M
cp
20
c-cp
20
orev
or-r
M
M
M
Bar Display Data
mv
bar
Bar Display Scaling
Upper Limit
100.0
barh
Bar Display Scaling
Lower Limit
0.0
barl
Display Refresh
Period
PV/SP No. 1 Display
Selection
PV/SP No. 2 Display
Selection
Integral/Derivative
Time Unit
Integrated Alarm
Assignment
Moving Average Count
Manual Output Method
Manual MV Initial Value
Heating/Cooling
Tuning Method
Minimum Output
ON/OFF Band
Display Brightness
RT
Monitor/Setting Item Level
Monitor/Setting
Item Display 1
Note: The monitor/setting items to be displayed is set in the Monitor/Setting Item 1 to 5 parameters (advanced function setting level).
Monitor/Setting
Item Display 2
Monitor/Setting
Item Display 3
Monitor/Setting
Item Display 4
Monitor/Setting
Item Display 5
Press the
O Key
for at least 1 s.
Advanced Function Setting Level
Alarm 2 Type
Alarm 3 Type
Alarm 2
Hysteresis
Alarm 3
Hysteresis
Event Input
Assignment 1
Event Input
Assignment 2
Extraction of Square
Root Enable
Move by setting password (
−169).
Parameter Initialization
Number of Multi-SP
Points
SP Ramp Time Unit
Standby Sequence
Reset
Auxiliary Output 1
Open in Alarm
Auxiliary Output 2
Open in Alarm
Auxiliary Output 3
Open in Alarm
HB ON/OFF
Heater Burnout Latch
Heater Burnout
Hysteresis
AT Calculated Gain
α
AT Hysteresis
Limit Cycle MV
Amplitude
Automatic Display
Return Time
Alarm 1 Latch
Alarm 2 Latch
Alarm 3 Latch
Move to Protect Level
Time
Cold Junction
Compensation
Method
Alarm 1 ON Delay
Alarm 2 ON Delay
Alarm 3 ON Delay
Alarm 1 OFF Delay
Alarm 2 OFF Delay
Alarm 3 OFF Delay
HS Alarm Use
HS Alarm Latch
HS Alarm Hysteresis
LBA Detection Time
LBA Level
LBA Band
Control Output 1
Assignment
Control Output 2
Assignment
Auxiliary Output 4
Assignment
Soak Time Unit
Alarm SP Selection
Manual MV
Limit Enable
PV Rate of Change
Calculation Period
PF Setting
Monitor/Setting Item 1
Monitor/Setting Item 2
Monitor/Setting Item 3
Monitor/Setting Item 4
Monitor/Setting Item 5
PV Status Display
Function
SV Status Display
Function
Auxiliary Output 4
Open in Alarm
Alarm 4 Latch
Alarm 4 ON Delay
Alarm 4 OFF Delay
Auxiliary Output 1
Assignment
Auxiliary Output 2
Assignment
Auxiliary Output 3
Assignment
Alarm 4 Type
Alarm 4
Hysteresis
LCT Cooling Output
Minimum ON Time
Move to Advanced
Function Setting
LevelDisplayed when
initial setting/communica-
tions protect is set to 0.
Control Period (Heating)
Control Period (Cooling)
Direct/Reverse Operation
Alarm 1 Type
Alarm 1
Hysteresis
tr-t
off
tr-h
100.0
tr-l
0.0
o1st
4-20
trst
4-20
M
M
M
M
M
Control output 1
Signal
Transfer Output
Signal
Transfer Output
Type
Transfer Output
Upper Limit
Transfer Output
Upper Limit
M
ev-6
none
ev-5
none
ev-4
none
ev-3
none
Event Input
Assignment 3 to 6
50.0
a-dv
2.0
fasp
200
fahp
1.70
w-ic
0.90
w-dc
‘’0
pwtm
25
abtm
0
ra2m
0
ra1m
0
rac
Adaptive Control
Operation Possible
Deviation
15.0
a-sd
System Fluctuation
Reference Deviation
Automatic Filter
Adjustment Seal Period
Automatic Filter
Adjustment Hunting
Monitor Period
Water-cooling
Proportional Band
Increase Constant
Water-cooling
Proportional Band
Decrease Constant
Power ON Time Monitor
Ambient Temperature
Monitor
Control Output 1
ON/OFF Count Monitor
Control Output 2
ON/OFF Count Monitor
ON/OFF Counter Reset
Parameter Mask Setting
off
pmst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com